| Zakładka z wyszukiwarką danych komponentów |
|
LC150Z Arkusz danych(PDF) 11 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC150Z Arkusz danych(HTML) 11 Page - Seoul Semiconductor |
|
11 / 12 page ![]() Rev. 00 Rev. 00 December 2007 December 2007 www.ZLED.com www.ZLED.com <080924> Rev. 0.2 Document No. : SSC-QP-7-07-24 (Rev.00) 10. Precaution for Use 1) Storage • Before opening the package Avoid the absorption of moisture, we recommended to store Lamp LEDs in a dry box(or desiccators) with a desiccant . Otherwise, store them in the following environment: Temperature : 5℃~30℃ Humidity : 50% max. • After opening the package a. Soldering should be done right after opening the package(within 24Hrs). b. Keeping of a fraction - Sealing - Temperature : 5 ~ 40℃, Humidity : less than 30% c. If the package has been opened more than 1week or the color of desiccant changes, Components should be dried for 10-12hr at 60±5℃ • Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. • Avoid quick cooling • Leadframes are silver plated SPCC. The silver plate surface may be affected by environments which contains corrosive substances. Please avoid conditions which may cause the LEDs to corrode, tarnish or discolor. 2) Lead Forming • When the lead forming is required before soldering , care must be taken to avoid any bending and mechanical stress. The stress to the base may damage the LEDs. • When mounting the LEDs onto a PCB, the holes on the circuit board should be exactly aligned with the leads of the LEDs. • It is recommended that tooling made to precisely form and cut the leads to length rather than rely on hand operating. |