| Zakładka z wyszukiwarką danych komponentów |
|
LT321 Arkusz danych(PDF) 11 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
LT321 Arkusz danych(HTML) 11 Page - Seoul Semiconductor |
|
11 / 13 page ![]() 9. SOLDERING PROFILE Note : In case the soldered products are reused in soldering process, we don’t guarantee the products. SEOUL SEMICONDUCTOR CO., LTD. 148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 10 1) Wave Soldering Conditions / Profile • Preliminary heating to be at 85ºC(120 ºC max) for 20 seconds(60 seconds max). • Soldering heat to be at 235 ºC (260ºC max) for 5 seconds (10 seconds max.) • Soak time above 200 ºC is 5 seconds 2) Hand Soldering conditions • Not more than 5 seconds at max. 300ºC, under Soldering iron. 0 2 4 6 8 10 12 1 4 1 6 18 20 22 2 4 2 6 28 30 3 2 3 4 36 0 50 10 0 15 0 20 0 25 0 Tim e [s ] PREHEAT 20s (60s Max) 85 ºC(120 ºC max) PEAK 5s (10s Max) 235 ºC(260 ºC Max) |