| Zakładka z wyszukiwarką danych komponentów |
|
E53-CKB Arkusz danych(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E53-CKB Arkusz danych(HTML) 13 Page - Omron Electronics LLC |
|
13 / 22 page ![]() Digital Controller E5CK I-75 Level 1 Mode off a t 0 s p - 0 0 0 0 10.0 p 233 i d 40 1.00 0.0 c - d b 50.0 h y s 0.10 0.10 s p - 1 a l - 1 a l - 2 c - s c o f - r c h y s 20 c p 20 c - c p AT Execute/Cancel Set Point 0 Used with multi-SP function. Set Point 1 Used with multi-SP function. Alarm Value 1 Available only when the alarm output function of the Controller is selected. Alarm Value 2 Available only when the alarm output function of the Controller is selected. Proportional Band Integral Time Derivative Time Cooling Coefficient Used when the Controller is in heating and cooling control. Dead Band Used when the Controller is in heating and cooling control. Manual Reset Value Available when the integral time parameter of the Controller in standard control is "0." Hysteresis (Heat) Available when the Controller is in ON/OFF control. Hysteresis (Cool) Available when the Controller is in ON/OFF control in heating and cooling control. Control Period (Heat) Available when the Controller has a relay or voltage output, or is in advanced PID control. Control Period (Cool) Available when the Controller has a relay or voltage output, or is in advanced PID control in heating and cooling control. |