Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSM2135SZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części SSM2135SZ
Szczegółowy opis  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

SSM2135SZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button SSM2135SZ Datasheet HTML 3Page - Analog Devices SSM2135SZ Datasheet HTML 4Page - Analog Devices SSM2135SZ Datasheet HTML 5Page - Analog Devices SSM2135SZ Datasheet HTML 6Page - Analog Devices SSM2135SZ Datasheet HTML 7Page - Analog Devices SSM2135SZ Datasheet HTML 8Page - Analog Devices SSM2135SZ Datasheet HTML 9Page - Analog Devices SSM2135SZ Datasheet HTML 10Page - Analog Devices SSM2135SZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SSM2135
Rev. G | Page 7 of 16
60
–140
–120
–100
–80
–60
–40
–20
0
20
40
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
RL = 10kΩ
–105
Figure 15. Crosstalk vs. Frequency
140
120
100
80
60
40
20
0
100
1M
100k
10k
1k
FREQUENCY (Hz)
VS = 5V
TA = 25°C
Figure 16. Common-Mode Rejection vs. Frequency
140
120
100
80
60
40
20
0
–20
10
100
1M
100k
10k
1k
FREQUENCY (Hz)
VS = 5V
AV = +1
TA = 25°C
+PSRR
–PSRR
Figure 17. Power Supply Rejection Ratio vs. Frequency
50
–20
–10
0
10
20
30
40
1k
10M
1M
100k
10k
FREQUENCY (Hz)
VS = 5V
TA = 25°C
AV = +100
AV = +10
AV = +1
Figure 18. Closed-Loop Gain vs. Frequency
100
–20
0
20
40
60
80
225
180
135
90
45
0
1k
10M
1M
100k
10k
FREQUENCY (Hz)
VS = 5V
TA = 25°C
GAIN
PHASE
Figure 19. Open-Loop Gain and Phase vs. Frequency
50
45
40
35
25
30
20
15
10
5
0
0
100
200
300
400
500
LOAD CAPACITANCE (pF)
VS = 5V
RL= 2kΩ
VIN = 100mV p-p
TA = 25°C
AV = +1
NEGATIVE EDGE
POSITIVE EDGE
Figure 20. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com