Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UBA1707TS Arkusz danych(PDF) 14 Page - NXP Semiconductors

Numer części UBA1707TS
Szczegółowy opis  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Arkusz danych(HTML) 14 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 10Page - NXP Semiconductors UBA1707TS Datasheet HTML 11Page - NXP Semiconductors UBA1707TS Datasheet HTML 12Page - NXP Semiconductors UBA1707TS Datasheet HTML 13Page - NXP Semiconductors UBA1707TS Datasheet HTML 14Page - NXP Semiconductors UBA1707TS Datasheet HTML 15Page - NXP Semiconductors UBA1707TS Datasheet HTML 16Page - NXP Semiconductors UBA1707TS Datasheet HTML 17Page - NXP Semiconductors UBA1707TS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
1999 Feb 17
14
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
Auxiliary amplifier (pins AXI and AXO; bit AXM)
The auxiliary amplifier (see Fig.12) has one input (AXI) and one output (AXO). The input impedance between pins AXI
and GND is 3.8 k
Ω. The rail-to-rail output stage is designed to drive a 500 µA peak current. The output impedance at pin
AXO is approximately 100
Ω.
The output as well as the input are biased at 2
× Vd ≅ 1.4 V DC voltage. The voltage gain from pin AXI to pin AXO is set
at 31.8 dB.The amplifier can be muted by setting bit AXM at logic 1 via the serial interface. In this case, the input
impedance between pins AXI and GND is infinite.
Fig.12 Auxiliary amplifier.
handbook, full pagewidth
MGK712
AXM
2Vd
AXI
AXO
UBA1707
Bit names are given in italics.
Loudspeaker channel (see Fig.13)
LOUDSPEAKER AMPLIFIER (PINS LSAI1, LSAI2, LSAO AND
LSPGND; BITS LSPD, LSA1 AND LSA2)
The loudspeaker amplifier has two symmetrical inputs
LSAI1 and LSAI2 selectable independently by the bits
LSA1 and LSA2 respectively. The input impedance
between pins LSAI1or LSAI2 and GND is typically 21 k
Ω.
Each of these two inputs stages can accommodate signals
up to 500 mV (RMS) at room temperature for less than 2%
of Total Harmonic Distortion (THD) at minimum voltage
gain.
The inputs are biased at 2
× Vd ≅ 1.4 V DC voltage
(whatever the state of bits LSA1 and LSA2).
The rail-to-rail output stage is designed to power a
loudspeaker connected as a single-ended load (between
pins LSAO and LSPGND). The output LSAO is able to
drive at least a 150 mA peak current.
As a result, it can drive loudspeaker loads down to 8
Ω at
VCC = 4.0 V and 16 Ω at VCC = 5.5 V. The output is biased
at 1
⁄2VCC. Its output voltage capability is specified for
continuous wave drive and depends on the value of VCC.
In order to avoid crosstalk from the loudspeaker to other
amplifiers, the loudspeaker current flows via pin LSPGND.
This pin must be externally connected to pin GND.
The nominal value of the voltage gain for maximum
volume from pins LSAI1 or LSAI2 to pin LSAO is set at
28 dB.
This amplifier is no longer supplied by setting the LSPD bit
at logic 1 via the serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36