| Zakładka z wyszukiwarką danych komponentów |
|
PM4354 Arkusz danych(PDF) 3 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM4354 Arkusz danych(HTML) 3 Page - PMC-Sierra, Inc |
|
3 / 4 page ![]() RELEASED PM4354 COMET-QUAD DATASHEET PMC-1990315 ISSUE 6 FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER / FRAMER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE ii 9.14 HDLC RECEIVER (RDLC) ................................................................................. 49 9.15 BIT ORIENTED CODE DETECTOR (RBOC) .................................................... 49 9.16 RECEIVE PER-CHANNEL SERIAL CONTROLLER (RPSC) ............................ 50 9.17 PSEUDO RANDOM BINARY SEQUENCE GENERATION AND DETECTION (PRBS) ............................................................................................................... 50 9.18 BACKPLANE RECEIVE SYSTEM INTERFACE (BRIF)..................................... 50 9.19 BACKPLANE TRANSMIT SYSTEM INTERFACE (BTIF) .................................. 54 9.20 TRANSMIT PER-CHANNEL SERIAL CONTROLLER (TPSC) .......................... 57 9.21 TRANSMIT ELASTIC STORE (TX-ELST) ......................................................... 58 9.22 T1 BASIC TRANSMITTER (T1-XBAS) .............................................................. 58 9.23 E1 TRANSMITTER (E1-TRAN).......................................................................... 59 9.24 T1 INBAND LOOPBACK CODE GENERATOR (XIBC) ..................................... 59 9.25 PULSE DENSITY ENFORCER (XPDE)............................................................. 59 9.26 T1 SIGNALING ALIGNER (SIGA) ...................................................................... 59 9.27 BIT ORIENTED CODE GENERATOR (XBOC).................................................. 60 9.28 HDLC TRANSMITTER (TDPR).......................................................................... 60 9.29 TRANSMIT JITTER ATTENUATOR (TJAT) ....................................................... 61 9.30 LINE TRANSMITTER......................................................................................... 66 9.31 TIMING OPTIONS (TOPS) ................................................................................ 66 9.32 JTAG TEST ACCESS PORT.............................................................................. 66 9.33 MICROPROCESSOR INTERFACE ................................................................... 66 10 NORMAL MODE REGISTER DESCRIPTION ................................................................ 68 10.1 NORMAL MODE REGISTER MEMORY MAP ................................................... 68 11 TEST FEATURES DESCRIPTION................................................................................ 328 11.1 JTAG TEST PORT ........................................................................................... 328 12 OPERATION.................................................................................................................. 331 |