| Zakładka z wyszukiwarką danych komponentów |
|
PM4354 Arkusz danych(PDF) 7 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM4354 Arkusz danych(HTML) 7 Page - PMC-Sierra, Inc |
|
7 / 4 page ![]() RELEASED PM4354 COMET-QUAD DATASHEET PMC-1990315 ISSUE 6 FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER / FRAMER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE vi LIST OF FIGURES FIGURE 1 - WIRELESS BASE STATION APPLICATION....................................................... 10 FIGURE 2 - V5.2 INTERFACE APPLICATION........................................................................ 10 FIGURE 3 - COMET-QUAD BLOCK DIAGRAM ..................................................................... 11 FIGURE 4 - PIN DIAGRAM..................................................................................................... 15 FIGURE 5 - EXTERNAL ANALOG INTERFACE CIRCUITS................................................... 34 FIGURE 6: - T1 JITTER TOLERANCE .................................................................................... 37 FIGURE 7: - COMPLIANCE WITH ITU-T SPECIFICATION G.823 FOR E1 INPUT JITTER .. 38 FIGURE 8: - CRC MULTIFRAME ALIGNMENT ALGORITHM................................................. 43 FIGURE 9: - RECEIVE CLOCK MASTER: FULL T1/E1 .......................................................... 51 FIGURE 10: - RECEIVE CLOCK MASTER: NX64KBIT/S ......................................................... 51 FIGURE 11: - RECEIVE CLOCK MASTER: CLEAR CHANNEL ............................................... 52 FIGURE 12: - RECEIVE CLOCK SLAVE: FULL T1/E1.............................................................. 52 FIGURE 13: - RECEIVE CLOCK SLAVE: H-MVIP..................................................................... 52 FIGURE 14: - RECEIVE CLOCK SLAVE: FULL T1/E1 WITH CCS H-MVIP ............................. 53 FIGURE 15: - TRANSMIT CLOCK MASTER: FULL T1/E1 ....................................................... 54 FIGURE 16: - TRANSMIT CLOCK MASTER: NX64KBIT/S ...................................................... 55 FIGURE 17: - TRANSMIT CLOCK MASTER: CLEAR CHANNEL............................................. 55 FIGURE 18: - TRANSMIT CLOCK SLAVE: FULL T1/E1 ........................................................... 55 FIGURE 19: - TRANSMIT CLOCK SLAVE: CLEAR CHANNEL ................................................ 56 FIGURE 20: - TRANSMIT CLOCK SLAVE: H-MVIP.................................................................. 56 FIGURE 21: - TRANSMIT CLOCK SLAVE: FULL T1/E1 WITH CCS H-MVIP........................... 57 FIGURE 22: - TJAT JITTER TOLERANCE ................................................................................ 63 FIGURE 23: - TJAT MINIMUM JITTER TOLERANCE VS. XCLK ACCURACY......................... 64 FIGURE 24: - TJAT JITTER TRANSFER................................................................................... 65 |