| Zakładka z wyszukiwarką danych komponentów |
|
PM5313 Arkusz danych(PDF) 2 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5313 Arkusz danych(HTML) 2 Page - PMC-Sierra, Inc |
|
2 / 4 page ![]() PRODUCTION PMC-Sierra, Inc. PM5313 SPECTRA-622 DATASHEET PMC-1981162 ISSUE 6 SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S PROPRIETARY AND CONFIDENTIAL i Issue No. Issue Date Details of Change Issue 6 Sept 2000 • Remove support of in-band G1 reporting on DROP bus • Improve RAD Timing diagram (Fig 60) • Pointer justification not generated in PAIS on DROP bus • Specify that the jitter tolerance is according to the 1995 Bellcore spec. • Remove the K1 and K2 bytes from the RAD. • Specify that a RESET_PATH command will also clear the performing monitor counters of the section/line TSBs.Update AC and DC Characeristic sections according to its final report.. • V1 pulse is always outputted on the DROP bus when the RTAL FIFO is bypassed • Add the RESET sequence to enable the TX line interface and the OUTDATA bit in the CRSI. • Specify TFPO timing in serial mode • CRU and CSU will track REFCLK while in ROOL • Describe RX and TX bypass mode limitations • SDLE and RBYP mode can not be set at the same time. • Fix number of bits before a DOOL is declared from 80 to 96. • Bit 7 of register 0090H is now X vs 0. • Write to the PMON counter registers will also trigger a count transfer. • SS bits are always 00 when the DPGM is in autonomous mode. • Add WANS programming section • Update the RAD and TFPI timing diagrams. • Update rev of CRU, GPGM and TTOC. • Update the methodology Tools table. Issue 5 May 2000 • Added STM1-CONCAT register bits in RPPS and TPPS configuration. • Extend the timing for output pins RSUC, RSOW, ROH and TDO. |