Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P3C1024L55SC Arkusz danych(PDF) 6 Page - Pyramid Semiconductor Corporation

Numer części P3C1024L55SC
Szczegółowy opis  ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PYRAMID [Pyramid Semiconductor Corporation]
Strona internetowa  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1024L55SC Arkusz danych(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P3C1024L55SC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1024L55SC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1024L55SC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1024L55SC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1024L55SC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1024L55SC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1024L55SC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1024L55SC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P3C1024L55SC Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
P3C1024L
Page 6 of 9
Document # SRAM132 REV OR
D
IN
Write
Active
Read
TIMING WAVEFORM OF WRITE CYCLE NO.2 (
CE
CE
CE
CE
CE CONTROLLED)(6)
* including scope and test fixture.
Note:
Because of the high speed of the P3C1024L, care must be taken
when testing this device; an inadequate setup can cause a normal
functioning part to be rejected as faulty. Long high-inductance
leads that cause supply bounce must be avoided by bringing the V
CC
and ground planes directly up to the contactor fingers. A 0.01 µF
high frequency capacitor is also required between V
CC and ground.
To avoid signal reflections, proper termination must be used; for
example, a 50
Ω test environment should be terminated into a 50Ω
load with 1.75V (Thevenin Voltage) at the comparator input, and a
595
Ω resistor must be used in series with D
OUT to match 645Ω
(Thevenin Resistance).
AC TEST CONDITIONS
TRUTH TABLE
Input Pulse Levels
Input Rise and Fall Times
Input Timing Reference Level
Output Timing Reference Level
Output Load
GND to 3.0V
3ns
1.5V
1.5V
See Fig. 1 and 2
Mode
Standby
Standby
Output
Disabled
Standby
Power
I/O
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
CE
2
CE
CE
CE
CE
CE
1
High Z
High Z
D
OUT
X
X
H
H
L
X
X
H
L
X
X
L
H
H
H
H
X
L
L
L
Standby
Active
Active
High Z
Figure 1. Output Load
Figure 2. Thevenin Equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10