| Zakładka z wyszukiwarką danych komponentów |
|
XTNETE2101PZ Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XTNETE2101PZ Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 39 page ![]() TNETE2101 10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE SPWS032D – JANUARY 1997 – REVISED MARCH 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description The TNETE2101 physical-layer (PHY) device from Texas Instruments (TI ™) is a single-chip, high-performance solution for a range of 10BASE-T, 100BASE-TX, and 100BASE-FX networking systems (see Figure 1). The highly integrated TNETE2101 includes an on-board media-independent interface (MII) for simple connection to IEEE Std 802.3-compliant media-access controls (MACs). The device integrates all filtering and rise-time control functions for a cost-effective and space-saving PHY solution. Built-in autonegotiation allows automatic selection of half-/full-duplex 10BASE-T or 100BASE-TX, with an autopolarity-correction feature for immunity to receive-pair reversal. ACPLL ACBLW ACAGC VDDA VDDA AIREF VSSA ATXREF VSSA VSSA XTAL1 XTAL2 VDDA VDDA NC VSSA NC CDEVSEL0 CDEVSEL1 CDEVSEL2 CREPEATER CFIBER VDD LACTIVITY LDUPCOL VSS NC JTDI VDD5 JTDO VSS JTCLK JTMS JTRST MTCLK VDD NC MTXD0 MTXD1 MTXD2 MTXD3 VSS MTXEN MTXER MCOL (CDEVSEL4) MCRS MRCLK VDD MRXD0 VDD5 PZ PACKAGE (TOP VIEW) NC – No connection (no external connection allowed) 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 |