Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS02A3 Arkusz danych(PDF) 2 Page - Balluff Korea Ltd.

Numer części BOS02A3
Szczegółowy opis  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02A3 Arkusz danych(HTML) 2 Page - Balluff Korea Ltd.

  BOS02A3 Datasheet HTML 1Page - Balluff Korea Ltd. BOS02A3 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS R090K-PU-RR10-S75
Order Code: BOS02A3
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 284392
ETIM 6.0:
BOS02A3_0.68_2024-10-15
2 / 2
Functional safety
MTTF (40 °C)
90 a
Interface
Switching output
PNP normally open/normally
closed (NO/NC)
Material
Housing material
PC
PBT
Material sensing surface
PMMA
Mechanical data
Dimension
10.7 x 43.5 x 19.5 mm
Mounting part
Screw M3
Tightening torque max.
0.5 Nm
Optical features
Ambient light max.
10000 Lux
Beam characteristic
Divergent
Light spot size
Ø 105 mm at 2 m
Light type
LED, red light
Principle of optical operation
Diffuse reflection sensor
Switching function, optical
dark-on/light-on
Wave length
660 nm
Range/Distance
Range
0...5 m
Rated operating distance Sn
5 m
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com