Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS02AR Arkusz danych(PDF) 1 Page - Balluff Korea Ltd.

Numer części BOS02AR
Szczegółowy opis  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02AR Arkusz danych(HTML) 1 Page - Balluff Korea Ltd.

  BOS02AR Datasheet HTML 1Page - Balluff Korea Ltd. BOS02AR Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOS R090K-PU-RX10-S75
Order Code: BOS02AR
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 284405
ETIM 6.0:
BOS02AR_0.76_2024-10-15
1 / 2
1) Mode settings, 2) Emitter, 3) Optical axis, 4) Receiver, 5) Power indicator, 6) stability, 7) Sensitivity, 8) Sensitivity
Basic features
Approval/Conformity
cULus
CE
UKCA
WEEE
Principle of operation
Photoelectric sensor
Series
R090K
Style
Square
Connection 90°
Display/Operation
Adjuster
Potentiometer 270°
Rotary switch 2 positions
Display
Output function- LED yellow
Stability - LED green
Setting
Sensitivity (Sn)
Light-on/dark-on
Electrical connection
Connection
Connector, M8x1, 4-pin
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10...30 VDC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Ripple max. (% of Ue)
10 %
Switching frequency
1000 Hz
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.5 ms
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-30...55 °C
IP rating
IP67


Podobny numer części - BOS02AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Balluff Korea Ltd.
BOS02A3 BALLUFF-BOS02A3 Datasheet
104Kb / 2P
Photoelectric Sensors
2024-10-15
BOS02AZ BALLUFF-BOS02AZ Datasheet
127Kb / 3P
Photoelectric Sensors
2024-09-02
More results

Podobny opis - BOS02AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com