Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS02AZ Arkusz danych(PDF) 2 Page - Balluff Korea Ltd.

Numer części BOS02AZ
Szczegółowy opis  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02AZ Arkusz danych(HTML) 2 Page - Balluff Korea Ltd.

  BOS02AZ Datasheet HTML 1Page - Balluff Korea Ltd. BOS02AZ Datasheet HTML 2Page - Balluff Korea Ltd. BOS02AZ Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 50K-PA-RE13-S4
Order Code: BOS02AZ
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 284243
ETIM 6.0: EC002716
BOS02AZ_0.4_2024-09-02
2 / 3
Electrical data
Load capacitance max. at Ue
100 nF
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
250 V AC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Residual current Ir max.
10 µA
Ripple max. (% of Ue)
10 %
Switching frequency
700 Hz
Turn-off delay toff max.
0.75 ms
Turn-on delay ton max.
0.75 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2.5 V
Environmental conditions
Ambient temperature
-5...55 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 1 mm, 3x30
min
IP rating
IP67
Functional safety
MTTF (40 °C)
1208 a
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO) Pins 4-2
Material
Housing material
PC
ABS
Material sensing surface
Glass
Mechanical data
Dimension
28.5 x 80.5 x 62 mm
Mounting part
Screw M5
Optical features
Ambient light max.
10000 Lux
Light type
LED, red light
Principle of optical operation
Through-beam sensor (receiver)
Switching function, optical
Light-on
dark-on
Range/Distance
Range
0...60 m
Rated operating distance Sn
60 m Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
For additional information, refer to user's guide.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com