Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS02HL Arkusz danych(PDF) 2 Page - Balluff Korea Ltd.

Numer części BOS02HL
Szczegółowy opis  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02HL Arkusz danych(HTML) 2 Page - Balluff Korea Ltd.

  BOS02HL Datasheet HTML 1Page - Balluff Korea Ltd. BOS02HL Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS R030K-PS-RX10-02
Order Code: BOS02HL
Internet
www.balluff.com
eCl@ss 9.1:
Subject to change without notice: 296334
ETIM 6.0:
BOS02HL_0.14_2024-10-10
2 / 2
Environmental conditions
Ambient temperature
-25...55 °C
EN 60068-2-27, Shock
500m/s² X,Y,Z, 3x
EN 60068-2-6, Vibration
10 … 55Hz, double amplitude
1.5mm,X,Y,Z, 2h
IP rating
IP67
Storage temperature
-30...70 °C
Functional safety
MTTF (40 °C)
66 a
Interface
Switching output
PNP normally open (NO)
Material
Housing material
PBT & ABS
Material jacket
PVC
Material sensing surface
PMMA
Mechanical data
Mounting part
Diameter 2.2 mm
Weight
20 g
Optical features
Ambient light
Sunlight: 10,000 lux, incandescent
lamp: 3,000 lux
Beam characteristic
Divergent
Light spot size
336 x 336 mm
Light type
LED, red light
Principle of optical operation
Through-beam sensor (pair)
Smallest part typ.
2.0 mm
Wave length
630 nm
Range/Distance
Range
0...1000 mm
Rated operating distance Sn
1000 mm
Repeat accuracy
0.05 mm
Remarks
Weight: transmitter/receiver: 10 g each
Length: transmitter 19 mm, receiver 20.5 mm
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com