| Zakładka z wyszukiwarką danych komponentów |
|
ICS839893I Arkusz danych(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS839893I Arkusz danych(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 10 page ![]() Integrated Circuit Systems, Inc. 839893AYI www.icst.com/products/hiperclocks.html REV. A AUGUST 8, 2005 3 ICS839893I LOW SKEW, 1-TO-13 LVCMOS/LVTTL BUFFER DIVIDER TABLE 3. CLOCK FREQUENCY FUNCTION TABLE s t u p n I e g n a R F E R f ) z H M ( s t u p t u O 0 L E S F1 L E S F2 L E S F3 L E S F x A Qx B QC Q ) z H M ( x A Q f) z H M ( x B Q f) z H M ( 0 C Q f 00 0 0 0 5 2 - C D1 ÷ F E R f 1 ÷ F E R f 8 ÷ F E R f 00 0 1 2 ÷ F E R f 00 1 0 0 5 2 - C D2 ÷ F E R f 2 ÷ F E R f 8 ÷ F E R f 00 1 1 4 ÷ F E R f 01 0 0 0 5 2 - C D2 ÷ F E R f 2 ÷ F E R f 6 ÷ F E R f 01 0 1 4 ÷ F E R f 01 1 0 0 5 2 - C D4 ÷ F E R f 4 ÷ F E R f 8 ÷ F E R f 01 1 1 8 ÷ F E R f 10 0 0 0 5 2 - C D2 ÷ F E R f 2 ÷ F E R f 4 ÷ F E R f 10 0 1 4 ÷ F E R f 10 1 0 0 5 2 - C D6 1 ÷ F E R f 6 1 ÷ F E R f 6 1 ÷ F E R f 10 1 1 2 3 ÷ F E R f 11 0 0 0 5 2 - C D8 ÷ F E R f 8 ÷ F E R f 8 ÷ F E R f 11 0 1 6 1 ÷ F E R f 11 1 0 0 5 2 - C D4 ÷ F E R f 4 ÷ F E R f 4 ÷ F E R f 11 1 1 8 ÷ F E R f |