| Zakładka z wyszukiwarką danych komponentów |
|
PIMXRT802PCFP4A Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT802PCFP4A Arkusz danych(HTML) 4 Page - NXP Semiconductors |
|
4 / 119 page ![]() i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024 4 NXP Semiconductors i.MX RT1060 Introduction – SD/SDIO 3.0 compliance with 200 MHz SDR signaling to support up to 100 MB/sec – Support for SDXC (extended capacity) — Two 10/100M Ethernet controller with support for IEEE1588 — Eight universal asynchronous receiver/transmitter (UARTs) modules — Four I2C modules — Four SPI modules — Two FlexCAN modules — One FlexCAN (with Flexible Data-Rate supported) — Three FlexIO modules • GPIO and Pin Multiplexing: — General-purpose input/output (GPIO) modules with interrupt capability — Input/output multiplexing controller (IOMUXC) to provide centralized pad control The i.MX RT1060 processors integrate advanced power management unit and controllers: • Full PMIC integration, including on-chip DCDC and LDO • Temperature sensor with programmable trim points • GPC hardware power management controller The i.MX RT1060 processors support the following system debug: • Arm CoreSight debug and trace architecture • Trace Port Interface Unit (TPIU) to support off-chip real-time trace • Cross Triggering Interface (CTI) • Support for 5-pin (JTAG) and SWD debug interfaces The i.MX RT1060 processors support the following analog interfaces: • Two Analog-Digital-Converters (ADC), 16-channel for each, 20-channel in total • Four Analog Comparators (ACMP) Security functions are enabled and accelerated by the following hardware: • High Assurance Boot (HAB) • Data Co-Processor (DCP): — AES-128, ECB, and CBC mode — SHA-1 and SHA-256 — CRC-32 • Bus Encryption Engine (BEE) — AES-128, ECB, and CTR mode — On-the-fly QSPI Flash decryption • True random number generation (TRNG) • Secure Non-Volatile Storage (SNVS) — Secure real-time clock (RTC) |