Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS01Y2 Arkusz danych(PDF) 2 Page - Balluff Korea Ltd.

Numer części BOS01Y2
Szczegółowy opis  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01Y2 Arkusz danych(HTML) 2 Page - Balluff Korea Ltd.

  BOS01Y2 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01Y2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 12M-PS-ID10-S4
Order Code: BOS01Y2
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-03
Subject to change without notice: 269048
ETIM 6.0: EC001821
BOS01Y2_0.1_2024-09-02
2 / 2
Material
Housing material
Brass, nickel-plated
Material sensing surface
PMMA
Surface protection
nickel-plated
Mechanical data
Dimension
Ø 12 x 60 mm
Mounting part
Nut M12x1
Tightening torque max.
7 Nm
15 Nm
Optical features
Ambient light max.
10000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
45 x 45 mm at 400 mm
Light type
LED infrared
Principle of optical operation
Diffuse sensor, energetic
Switching function, optical
Light-on
Wave length
850 nm
Range/Distance
Hysteresis H max. (% of Sr)
10.0 %
Range
1...400 mm
Rated operating distance Sn
400 mm Adjustable
Temperature drift max. (% of Sr)
10 %
Remarks
Order accessories separately.
For additional information, refer to user's guide.
Reference object (target): gray card, 200 x 200, 90 % remission, axial approach.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com