| Zakładka z wyszukiwarką danych komponentów |
|
PM5366-PI Arkusz danych(PDF) 4 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI Arkusz danych(HTML) 4 Page - PMC-Sierra, Inc |
|
4 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL iii 9.31 TRANSMIT TRIBUTARY BYTE SYNCHRONOUS MAPPER ... 109 9.32 DS3 MAPPER ADD SIDE (D3MA) ............................................ 109 9.33 EXTRACT SCALEABLE BANDWIDTH INTERCONNECT (EXSBI) ...................................................................................... 111 9.34 INSERT SCALEABLE BANDWIDTH INTERCONNECT (INSBI)........................................................................................112 9.35 FLEXIBLE BANDWIDTH PORTS ..............................................113 9.36 JTAG TEST ACCESS PORT......................................................113 9.37 MICROPROCESSOR INTERFACE ...........................................115 10 NORMAL MODE REGISTER DESCRIPTION ..................................... 138 11 TEST FEATURES DESCRIPTION ...................................................... 139 11.1 JTAG TEST PORT .................................................................... 142 12 OPERATION ........................................................................................ 149 12.1 TRIBUTARY INDEXING ............................................................ 149 12.2 CLOCK AND FRAME SYNCHRONIZATION CONSTRAINTS .. 151 12.3 DS3 FRAME FORMAT.............................................................. 154 12.4 SERVICING INTERRUPTS....................................................... 156 12.5 USING THE PERFORMANCE MONITORING FEATURES ...... 156 12.6 USING THE INTERNAL DS3 OR E3 HDLC TRANSMITTER ... 160 12.7 USING THE INTERNAL DS3 OR E3 DATA LINK RECEIVER .. 164 12.8 T1/E1 LOOPBACK MODES...................................................... 168 12.9 DS3 AND E3 LOOPBACK MODES........................................... 170 12.10 TELECOM BUS MAPPER/DEMAPPER LOOPBACK MODES. 173 12.11 SBI BUS DATA FORMATS ........................................................ 174 |