Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST10F269Z1T6 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części ST10F269Z1T6
Szczegółowy opis  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T6 Arkusz danych(HTML) 3 Page - STMicroelectronics

  ST10F269Z1T6 Datasheet HTML 1Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 2Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 3Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 4Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 5Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 6Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 7Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 8Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 184 page
background image
ST10F269
3/184
TABLE OF CONTENTS
PAGE
8.4 -
EXCEPTION AND ERROR TRAPS LIST ..................................................................... 48
9 -
Capture/Compare (CAPCOM) Units ......................................................................... 49
10 -
General Purpose Timer Unit ..................................................................................... 52
10.1 -
GPT1 ............................................................................................................................. 52
10.2 -
GPT2 ............................................................................................................................. 53
11 -
PWM Module ............................................................................................................ 56
12 -
Parallel Ports ............................................................................................................ 57
12.1 -
INTRODUCTION ........................................................................................................... 57
12.2 -
I/O’S SPECIAL FEATURES .......................................................................................... 59
12.2.1 -
Open Drain Mode .......................................................................................... 59
12.2.2 -
Input Threshold Control ............................................................................... 59
12.2.3 -
Output Driver Control
.................................................................................. 60
12.2.4 -
Alternate Port Functions ................................................................................ 62
12.3 -
PORT0 .......................................................................................................................... 63
12.3.1 -
Alternate Functions of PORT0 ...................................................................... 64
12.4 -
PORT1 .......................................................................................................................... 66
12.4.1 -
Alternate Functions of PORT1 ...................................................................... 66
12.5 -
PORT 2 ......................................................................................................................... 68
12.5.1 -
Alternate Functions of Port 2 ......................................................................... 68
12.6 -
PORT 3 ......................................................................................................................... 71
12.6.1 -
Alternate Functions of Port 3 ......................................................................... 73
12.7 -
PORT 4 ......................................................................................................................... 76
12.7.1 -
Alternate Functions of Port 4 ......................................................................... 77
12.8 -
PORT 5 ......................................................................................................................... 80
12.8.1 -
Alternate Functions of Port 5 ......................................................................... 81
12.8.2 -
Port 5 Schmitt Trigger Analog Inputs ............................................................ 82
12.9 -
PORT 6 ......................................................................................................................... 82
12.9.1 -
Alternate Functions of Port 6 ......................................................................... 83
12.10 - PORT 7 ......................................................................................................................... 86
12.10.1 - Alternate Functions of Port 7 ......................................................................... 87
12.11 - PORT 8 ......................................................................................................................... 90
12.11.1 - Alternate Functions of Port 8 ......................................................................... 91
13 -
A/D Converter ........................................................................................................... 93
14 -
Serial Channels ........................................................................................................ 95
14.1 -
ASYNCHRONOUS / SYNCHRONOUS SERIAL INTERFACE (ASCO) ....................... 95
14.1.1 -
ASCO in Asynchronous Mode ....................................................................... 95
14.1.2 -
ASCO in Synchronous Mode ........................................................................ 98
14.2 -
HIGH SPEED SYNCHRONOUS SERIAL CHANNEL (SSC) ...................................... 101
15 -
CAN Modules .......................................................................................................... 103
15.1 -
CAN MODULES MEMORY MAPPING ....................................................................... 103
15.1.1 -
CAN1 ........................................................................................................... 103
15.1.2 -
CAN2 ........................................................................................................... 103
15.2 -
CAN BUS CONFIGURATIONS ................................................................................... 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More