| Zakładka z wyszukiwarką danych komponentów |
|
PM8621 Arkusz danych(PDF) 65 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8621 Arkusz danych(HTML) 65 Page - PMC-Sierra, Inc |
|
65 / 184 page ![]() NSE-8G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 64 Document ID: PMC-2010850, Issue 1 ILCINT If the ILCINT bit is a logic one, an interrupt has been generated by one of the ILC blocks. The relevant ILC Interrupt register must be read to clear this interrupt. Which ILC caused the interrupt can be ascertained by reading the NSE-8G ILC Interrupt Source Register. DCBINT If the DCBINT bit is a logic one, an interrupt has been generated by the DCB block. The DCB Interrupt register must be read to clear this interrupt. |