Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY73023 Arkusz danych(PDF) 1 Page - Skyworks Solutions Inc.

Numer części SKY73023
Szczegółowy opis  1700 -2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73023 Arkusz danych(HTML) 1 Page - Skyworks Solutions Inc.

  SKY73023 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200634C • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • July 26, 2007
1
PRELIMINARY DATA SHEET
SKY73023: 1700 – 2200 MHz High Gain and Linearity
Diversity Downconversion Mixer for 2G/3G Base Station
Applications
Applications
• 2G/3G base station transceivers:
− GSM/EDGE, CDMA, UMTS/WCDMA, PHS
• Land mobile radio
• Wireless Local Loop
• High performance radio links
• Private mobile radio
Features
• Operating frequency range: 1700 to 2200 MHz
• IF frequency range: 40 to 300 MHz
• Conversion gain: 8.5 dB
• Input IP3: 25.5 dBm
• Output IP3: 34.0 dBm
• Noise figure: 9.5 dB
• Integrated LO drivers
• Integrated low loss RF baluns
• High linearity IF amplifiers
• On-chip SPDT LO switch (greater than 45 dB LO-to-LO isolation)
• Small, MCM (36-pin, 6 x 6 mm) Pb-free package (MSL3, 260 °C
per JEDEC J-STD-020)
Skyworks offers lead (Pb)-free RoHS (Restriction of
Hazardous Substances) compliant packaging.
Description
The SKY73023 is a fully integrated diversity mixer that includes
Local Oscillator (LO) drivers, an LO switch, high linearity mixers,
and large dynamic range Intermediate Frequency (IF) amplifiers.
Low loss RF baluns have also been included to reduce design
complications and lower system cost.
The SKY73023 features an input IP3 of 25.5 dBm and a Noise
Figure (NF) of 9.5 dB, making the device an ideal solution for high
dynamic range systems such as 2G/3G base station receivers.
The LO switch provides more than 45 dB of isolation between LO
inputs and supports the switching time required for GSM/EDGE
base stations.
The SKY73023 is manufactured using a robust silicon BiCMOS
process and has been designed for optimum long-term reliability.
The SKY73023 diversity downconversion mixer is provided in a
compact, 36-pin 6 x 6 mm Multi-Chip Module (MCM). A functional
block diagram is shown in Figure 1. The pin configuration and
package are shown in Figure 2. Signal pin assignments and
functional pin descriptions are provided in Table 1.
S643
RFA
RFB
VCC_LO
LO1
LO2
LO_SEL
Figure 1. SKY73023 Block Diagram


Podobny numer części - SKY73023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11 Datasheet
509Kb / 17P
700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021 Datasheet
501Kb / 15P
1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021-11 SKYWORKS-SKY73021-11 Datasheet
501Kb / 15P
1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results

Podobny opis - SKY73023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021 Datasheet
501Kb / 15P
1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73032 SKYWORKS-SKY73032 Datasheet
431Kb / 11P
700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73033 SKYWORKS-SKY73033 Datasheet
429Kb / 11P
1700 - 2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73035 SKYWORKS-SKY73035 Datasheet
413Kb / 10P
2300 - 2700 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73085-11 SKYWORKS-SKY73085-11 Datasheet
1Mb / 16P
390 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021_08 Datasheet
367Kb / 18P
1700 ??2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73033-11 SKYWORKS-SKY73033-11_09 Datasheet
235Kb / 14P
1700 ??2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com