Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC02120 Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części DSC02120
Szczegółowy opis  2A SILICON CARBIDE SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSC02120 Arkusz danych(HTML) 2 Page - Diodes Incorporated

  DSC02120 Datasheet HTML 1Page - Diodes Incorporated DSC02120 Datasheet HTML 2Page - Diodes Incorporated DSC02120 Datasheet HTML 3Page - Diodes Incorporated DSC02120 Datasheet HTML 4Page - Diodes Incorporated DSC02120 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSC02120
Document number: DS44303 Rev. 3 - 2
2 of 5
www.diodes.com
October 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DSC02120
Marking Information
Maximum Ratings (@ TC = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VDC
1200
V
Average Rectified Output Current
IO
2
A
Non-Repetitive Peak Forward Surge Current 10ms Half-Sine Wave Form
IFSM
24
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case (Notes 5, 6)
RJC
10
°C/W
Typical Thermal Resistance, Junction to Lead (Notes 5, 6)
RJL
9
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Notes:
5. Thermal resistance test performed in accordance with JESD-51.
6. The unit mounted on Aluminum substrate heatsink (20mm x 10mm x 1.64mm).
Electrical Characteristics (@ TC = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Voltage
VBR
1200
—
—
V
IR = 0.13mA
Forward Voltage Drop
VF
—
—
1.39
1.95
1.7
2.6
V
IF = 2A, TJ = +25°C
IF = 2A, TJ = +175°C
Leakage Current
IR
—
—
11.7
157
128
---
µA
VR = 1200V, TJ = +25°C
VR = 1200V, TJ = +175°C
Total Capacitive Charge
QC
—
10
—
nC
IF = 2A, dI/dt = 200A/µs,
VR = 400V, TJ = +25°C
Total Capacitance
CT
—
—
—
130
105
29
—
—
—
pF
VR = 0.1V, TJ = +25°C, f = 1MHz
VR = 1V, TJ = +25°C, f = 1MHz
VR = 40V, TJ = +25°C, f = 1MHz
= Manufacturer’s Marking
DSC02120 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 22 = 2022)
WW = Week (01 to 53)
AB = Fab and Assembly Code
AB
DSC02120



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com