Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F103V8 Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części STM32F103V8
Szczegółowy opis  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8 Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button STM32F103V8 Datasheet HTML 15Page - STMicroelectronics STM32F103V8 Datasheet HTML 16Page - STMicroelectronics STM32F103V8 Datasheet HTML 17Page - STMicroelectronics STM32F103V8 Datasheet HTML 18Page - STMicroelectronics STM32F103V8 Datasheet HTML 19Page - STMicroelectronics STM32F103V8 Datasheet HTML 20Page - STMicroelectronics STM32F103V8 Datasheet HTML 21Page - STMicroelectronics STM32F103V8 Datasheet HTML 22Page - STMicroelectronics STM32F103V8 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
STM32F103xx
Pin descriptions
19/67
G3
14
20
29
PA4/SPI1_NSS/
USART2_CK/ADC_IN4
I/O
PA4
SPI1_NSS(6)/
USART2_CK(6)/ ADC_IN4
H3
15
21
30
PA5/SPI1_SCK/ ADC_IN5
I/O
PA5
SPI1_SCK(6)/ ADC_IN5
J3
16
22
31
PA6/SPI1_MISO/
ADC_IN6/TIM3_CH1
I/O
PA6
SPI1_MISO(6)/
ADC_IN6/TIM3_CH1(6)
K3
17
23
32
PA7/SPI1_MOSI/
ADC_IN7/TIM3_CH2
I/O
PA7
SPI1_MOSI(6)/
ADC_IN7/TIM3_CH2(6)
G4
-
24
33
PC4/ADC_IN14
I/O
PC4
ADC_IN14
H4
-
25
34
PC5/ADC_IN15
I/O
PC5
ADC_IN15
J4
18
26
35
PB0/ADC_IN8/ TIM3_CH3
I/O
PB0
ADC_IN8/TIM3_CH3(6)
K4
19
27
36
PB1/ADC_IN9/ TIM3_CH4
I/O
PB1
ADC_IN9/TIM3_CH4(6)
G5
20
28
37
PB2 / BOOT1
I/O
FT
PB2/BOOT1
H5
-
-
38
PE7
I/O
FT
PE7
J5
-
-
39
PE8
I/O
FT
PE8
K5
-
-
40
PE9
I/O
FT
PE9
G6
-
-
41
PE10
I/O
FT
PE10
H6
-
-
42
PE11
I/O
FT
PE11
J6
-
-
43
PE12
I/O
FT
PE12
K6
-
-
44
PE13
I/O
FT
PE13
G7
-
-
45
PE14
I/O
FT
PE14
H7
-
-
46
PE15
I/O
FT
PE15
J7
21
29
47
PB10/I2C2_SCL/
USART3_TX
I/O
FT
PB10
I2C2_SCL/USART3_TX(5)(6)
K7
22
30
48
PB11/I2C2_SDA /
USART3_RX
I/O
FT
PB11
I2C2_SDA/
USART3_RX(5)(6)
E7
23
31
49
VSS_1
SVSS_1
F7
24
32
50
VDD_1
SVDD_1
K8
25
33
51
PB12/SPI2_NSS /
I2C2_SMBAl/ USART3_CK /
TIM1_BKIN
I/O
FT
PB12
SPI2_NSS(5)
/I2C2_SMBAl(5)/
USART3_CK(5)(6)/
TIM1_BKIN(6)
J8
26
34
52
PB13/SPI2_SCK /
USART3_CTS /
TIM1_CH1N
I/O
FT
PB13
SPI2_SCK(5)/
USART3_CTS(5)(6)/
TIM1_CH1N (6)
H8
27
35
53
PB14/SPI2_MISO /
USART3_RTS /
TIM1_CH2N
I/O
FT
PB14
SPI2_MISO(5)
/USART3_RTS(5)(6)
TIM1_CH2N (6)
Table 3.
Pin definitions (continued)
Pins
Pin name
Main function(3)
(after reset)
Default alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67