Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WLFO Arkusz danych(PDF) 4 Page - Amkor Technology

Numer części WLFO
Szczegółowy opis  Wafer level packaging applies similar processes as used in front-end wafer processing.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMKOR [Amkor Technology]
Strona internetowa  http://www.amkor.com
Logo AMKOR - Amkor Technology

WLFO Arkusz danych(HTML) 4 Page - Amkor Technology

  WLFO Datasheet HTML 1Page - Amkor Technology WLFO Datasheet HTML 2Page - Amkor Technology WLFO Datasheet HTML 3Page - Amkor Technology WLFO Datasheet HTML 4Page - Amkor Technology WLFO Datasheet HTML 5Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Overview
Amkor has applied its WLFO technology know-how,
taking Wafer Level CSP (WLCSP) to the next packaging
generation: WLCSP+.
f
Recon wafer is created with KGD (Known Good Die)
placed with very small distance between dies
f
All solder balls are placed in the fan-in zone
f
Mold compound offers 5-side mechanical die
protection (sidewalls and optional backside
protection)
f
Compared to WLCSP, WLCSP+ offers an additional
50% increase in die strength
f
Diced die test on wafer-level without bare die
handling
f
Components can be delivered in JEDEC tray without
risk
f
WLCSP manufacturing in highly efficient 300 mm
WLFO recon wafer, independent of wafer diameter
provided by the customer
Design Features
f
Supports 300 mm wafer diameter
f
Single/multi-layer Cu RDL, with and without Cu UBM
f
Max package size: 23 x 25 mm2 (largest in the
market)
f
Min package thickness: 0.4 mm (thinner under
validation)
f
Plated RDL line/space width: 20/20 μm (10/10 μm
under validation)
f
Bump height and pitch: 0.25 mm @ 0.5 mm (down
to 0.2 mm @ 0.4 mm under validation)
f
Backside coating optional
f
Standard laser marking and packing in tape and reel
Applications
f
Mobile and consumer products, handsets
f
Wireless connectivity including Bluetooth, WLAN,
RF, FM radio, GPS
f
PMIC, PMU, high performance computing
f
Analog and other ICs such as MEMS and Sensors
WLCSP+
Performance
f
Electrical: Low parasitics due to short connections
(WLCSP), thick Cu- RDL and choice of dielectric
material (LTC-PI). Dependent on design and
application suitable for 10 GHz and beyond
f
Thermal: Depending on die size and whether
backside die is molded/exposed (e.g., 5 x 5 mm2 die,
molded backside die: Rth = 30 K/W)
Performance Data: Reliability
6.6 x 7.1 x 0.4 mm3, 98 bumps, 500 µm pitch; WLCSP+
with 30 µm sidewall + backside mold. Stack-up: PBO/Cu
RDL/PBO/Cu UBM.
Component Level Tests
Test
Specification
Criteria
Moisture Sensitivity
Level (MSL)
IPC/JEDEC J-STD-020
MSL1 For Lead-free,
168 Hrs at 85°C/85%
RH
Temperature Cycling
(TC)
JESD22-A104,
Condition B
-55°C/125°C,
2 Cy/Hour, 1000 Cycles
High Temperature
Storage (HTS)
JESD22-A103,
Condition B
150°C, 2000 Hours
Unbiased HAST
(uHAST)
JESD22-A118,
Condition A
130°C/85% RH,
96 Hours
Board Level Tests
Test
Specification
Criteria
Drop Test
JESD22-B111
30 Drops
Temperature Cycling
on Board (TCoB)
IPC-97-01
-40°C/125°C,
1 Cy/Hour, 1000x



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com