| Zakładka z wyszukiwarką danych komponentów |
|
MB90347CE Arkusz danych(PDF) 1 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90347CE Arkusz danych(HTML) 1 Page - fujitsu semiconductor |
|
1 / 84 page ![]() DS07-13747-2E FUJITSU SEMICONDUCTOR DATA SHEET Copyright©2006-2007 FUJITSU LIMITED All rights reserved “Check Sheet” is seen at the following support page URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html “Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system development. Be sure to refer to the “Check Sheet” for the latest cautions on development. 16-bit Microcontroller CMOS F2MC-16LX MB90340E Series MB90341E(S)/341CE(S)/342E(S)/342CE(S)/F342E(S)/F342CE(S)/F343E(S)/F343CE(S)/F345E(S)/ MB90F345CE(S)/346E(S)/346CE(S)/F346E(S)/F346CE(S)/347E(S)/347CE(S)/F347E(S)/F347CE(S)/ MB90348E(S)/348CE(S)/349E(S)/349CE(S)/F349E(S)/F349CE(S)/V340E-101/V340E-102 ■ DESCRIPTION The MB90340E series with up to 2 FULL-CAN* interfaces is especially designed for automotive and other industrial applications. Its main feature are the on-board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full CAN approach. The power to the MCU core (3 V) is supplied by a built-in regulator circuit, giving these microcontrollers superior performance in terms of power consumption and tolerance to EMI. * : Controller Area Network (CAN) - License of Robert Bosch GmbH Note : F2MC is the abbreviation of FUJITSU Flexible Microcontroller. |
Podobny numer części - MB90347CE |
|
Podobny opis - MB90347CE |