Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RST2016A Arkusz danych(PDF) 1 Page - Rakon Limited

Numer części RST2016A
Szczegółowy opis  HIGH STABILITY SMD TCXO/VCTCXO | GNSS AND COMMUNICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAKON [Rakon Limited]
Strona internetowa  https://www.rakon.com/
Logo RAKON - Rakon Limited

RST2016A Arkusz danych(HTML) 1 Page - Rakon Limited

  RST2016A Datasheet HTML 1Page - Rakon Limited RST2016A Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH STABILITY SMD TCXO/VCTCXO | GNSS AND COMMUNICATIONS
Issue: A, 28 July 2022
Specifications are subject to change without notice
Copyright © 2022 Rakon Limited. All rights reserved
Page 1 of 2
sales@rakon.com
RST2016A
The RST2016A employs an analogue ASIC for the oscillator and a high-order temperature compensation circuit in a small font factor 2.0 x 1.6
x 0.7 mm package. This low-power SMD Temperature Compensated Crystal Oscillator (TCXO) provides a voltage control option (VCTCXO)
with a wide frequency range available from 13 to 52 MHz. Supply voltage options are 1.8 to 3.3 V.
The high stability RST2016A is designed for high-performance GNSS and communication applications where the required frequency stability
±0.5 ppm over operating temperature ranges from -40 to 85°C.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency (Fn)
13 – 52
MHz
Frequency calibration
±1
ppm
Offset from nominal frequency measured at 25°C ±2°C
Reflow shift
±1
ppm
Two consecutive reflows
Operating temperature range
-40
85
°C
The operating temperature range over which the
frequency stability is measured
Frequency stability
over temperature
±0.5
ppm
Referenced to the midpoint between minimum and
maximum frequency value over the specified
temperature range1
Control voltage set to the midpoint of VC
RIT2016A available for 100 screen test
Frequency slope
±0.1
ppm/°C
Minimum of one frequency reading every 2°C over
the operating temperature range 2
Static temperature hysteresis
0.6
ppm
Frequency change after reciprocal temperature
ramped over the operating range. Frequency
measured before and after at 25°C
Sensitivity to supply voltage
variations
±0.1
ppm
VDD varied ±5% at 25°C
Sensitivity to load variations
±0.2
ppm
±10% load change at 25°C2
Long term stability
±1
ppm
Frequency drift over 1 year at 25°C
Acceleration sensitivity
2
ppb/g
Gamma vector of all three axes from 30 to 1500Hz
Supply voltage (VDD)
1.8 – 3.3
V
With a tolerance of ±5%
Control voltage (Vc) range
0.3
0.4
0.9
1.4
1.5
2.4
V
VDD ≤ 2.3V
VDD > 2.3V
Supply current
2
mA
At maximum VDD2
Output voltage level
0.8
Vpk-pk
At minimum VDD, specified for load stated in oscillator
output section at 25°C 2
Output waveform
DC coupled clipped sinewave3
1 Parts should be shielded from drafts causing unexpected thermal gradients. Temperature changes due to ambient air currents on the
oscillator can lead to short term frequency drift.
2 Specified for load stated in oscillator output section at 25°C.
3 External AC-Coupling capacitor required. 1 nF or greater recommended.
Features
Applications
2.0 x1.6 x 0.7
mm
 Frequency slope and perturbation
specifications can be customised to the
application’s requirement
 Excellent phase noise performance
 Frequency stability ±0.5 ppm over operating
temperatures from -40 to 85°C
 GNSS
 Smartphone
 Consumer devices
 Communications
 Wi-Fi


Podobny numer części - RST2016A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rakon Limited
RST2016AL RAKON-RST2016AL Datasheet
294Kb / 2P
HIGH STABILITY SMD 1.2V TCXO | SMART GRIDS AND METERS
9 October 2024
More results

Podobny opis - RST2016A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
3.0V SMD TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
TEMEX
RIT2016C TEMEX-RIT2016C Datasheet
619Kb / 2P
HIGH STABILITY SMD 1.2V TCXO SMART GRIDS AND METERS
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com