Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HDSP-R881 Arkusz danych(PDF) 2 Page - Agilent(Hewlett-Packard)

Numer części HDSP-R881
Szczegółowy opis  8 x 8 Rich Color General Purpose Dot Matrix Displays 47.8 mm (1.88 inch) Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-R881 Arkusz danych(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDSP-R881 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-R881 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-R881 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-R881 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-R881 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-R881 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-R881 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-R881 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-R881 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Dimensions
47.8
(1.88)
47.8
(1.88)
6.0 x 7 = 42.0
(1.65)
6.0 x 7 = 42.0
(1.65)
ROW
COL
1
2
3
4
5
6
7
8
1
2
3
4567
8
4.7
(0.19)
2.54 x 15 = 38.1
(1.50)
9.0
(0.35)
4.2
(0.17)
PART NO.
PIN 1
PIN 17
∅ 3.75
(0.15)
36.0
(1.42)
2.0
(0.08)
∅ 0.51
(0.02)
3.0
(0.12)
NOTES:
1. UNLESS OTHERWISE STATED, TOLERANCE IS ± 0.25 mm.
2. DIMENSIONS IN MILLIMETERS (INCHES).
HDSP-xxxx xyy
ABCD
xxxxx
LUMINANCE COLOR
CATEGORY
COUNTRY
OF ORIGIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11