| Zakładka z wyszukiwarką danych komponentów |
|
CY74FCT240TSOC Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CY74FCT240TSOC Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 21 page ![]() CY54FCT240T, CY74FCT240T 8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS SCCS017A – MAY 1994 – REVISED OCTOBER 2001 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION TA PACKAGE† SPEED (ns) ORDERABLE PART NUMBER TOP-SIDE MARKING SOIC SO Tube 4.3 CY74FCT240CTSOC FCT240C SOIC – SO Tape and reel 4.3 CY74FCT240CTSOCT FCT240C QSOP – Q Tape and reel 4.3 CY74FCT240CTQCT FCT240C SOIC SO Tube 4.8 CY74FCT240ATSOC FCT240A –40 °C to 85°C SOIC – SO Tape and reel 4.8 CY74FCT240ATSOCT FCT240A QSOP – Q Tape and reel 4.8 CY74FCT240ATQCT FCT240A SOIC SO Tube 8 CY74FCT240TSOC FCT240 SOIC – SO Tape and reel 8 CY74FCT240TSOCT FCT240 QSOP – Q Tape and reel 8 CY74FCT240TQCT FCT240 CDIP – D Tube 4.7 CY54FCT240CTDMB 55 °Cto125°C CDIP – D Tube 5.1 CY54FCT240ATDMB –55 °C to 125°C LCC – L Tube 5.1 CY54FCT240ATLMB CDIP – D Tube 9 CY54FCT240TDMB † Packagedrawings,standardpackingquantities,thermaldata,symbolization,andPCBdesignguidelinesareavailable at www.ti.com/sc/package. FUNCTION TABLE INPUTS OUTPUT OEA OEB D O L L L H L LH L H H X Z H = High logic level, L = Low logic level, X = Don’t care, Z = High-impedance state |