| Zakładka z wyszukiwarką danych komponentów |
|
SRIX4K Arkusz danych(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRIX4K Arkusz danych(HTML) 31 Page - STMicroelectronics |
|
31 / 50 page ![]() SRIX4K SRIX4K commands 31/50 9.3 SLOT_MARKER(SN) command Command Code = x6h The SRIX4K must be in INVENTORY state to interpret the SLOT_MARKER(SN) command. The SLOT_MARKER Byte code is divided into two parts: –b3 to b0: 4-bit command code with fixed value 6. –b7 to b4: 4 bits known as the SLOT_NUMBER (SN). They assume a value between 1 and 15. The value 0 is reserved by the PCALL16() command. On receiving the SLOT_MARKER() command, the SRIX4K compares its CHIP_SLOT_NUMBER value with the SLOT_NUMBER value given in the command code. If they match, the SRIX4K returns its Chip_ID value. If not, the SRIX4K does not send any response. The SLOT_MARKER() command, used together with the PCALL16() command, allows the reader to search for all the Chip_IDs when there are more than one SRIX4K device in INVENTORY state present in the reader field range. Figure 29. SLOT_MARKER request format Request parameter: –x: Slot number Figure 30. SLOT_MARKER response format Response parameters: – Chip_ID of the SRIX4K Figure 31. SLOT_MARKER frame exchange between Reader and SRIX4K SOF SLOT_MARKER CRCL CRCH EOF AI07675 X6h 8 bits 8 bits SOF Chip_ID CRCL CRCH EOF AI07671 8 bits 8 bits 8 bits SOF X6h CRCL CRCH EOF AI07676b Reader SRIX4K SOF Chip_ID CRCL CRCH EOF <-t0-><-t1-> |