Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PRS20G Arkusz danych(PDF) 2 Page - Applied Micro Circuits Corporation

Numer części PRS20G
Szczegółowy opis  Switch Fabric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMCC [Applied Micro Circuits Corporation]
Strona internetowa  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRS20G Arkusz danych(HTML) 2 Page - Applied Micro Circuits Corporation

  PRS20G Datasheet HTML 1Page - Applied Micro Circuits Corporation PRS20G Datasheet HTML 2Page - Applied Micro Circuits Corporation PRS20G Datasheet HTML 3Page - Applied Micro Circuits Corporation PRS20G Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Overview
Product Brief
PRS 5G and PRS 20G
Switch Fabric
PB PRS 5G-20G / v0.5 / 05-24-2004
2
Empowering Intelligent Networks
advanced IP-based services, for
example, merging data and voice over
Quality-of-Service (QoS)-aware
networks, implementing virtual private
networks (VPNs), or deploying security
applications closer to the end users.
PRS 5G Switch Fabric for 5-20
Gbps Meshed Switch Systems (No
Central Switch Fabric)
The PRS 5G (PRS C48X) switch fabric
device provides 2.5 Gbps of full-duplex
minimum aggregate user bandwidth. It
allows smooth growth of
smaller-capacity systems by the simple
addition of PRS 5G-based blades,
without any central switch fabric. Eight
PRS 5G devices can be linked together
in a meshed topology to enable the
design of systems with up to eight user
blades, each with a PRS 5G device
attaching a network processor such as
the AMCC nP3700 Integrated Network
Processor / Traffic Manager (see
Figure 1 and Figure 2).
More compact blades, housing
multiple network processors, can be
implemented with PRS 20G devices.
The PRS 20G can also operate in a
meshed configuration with the PRS 5G
to provide 10-Gbps uplink capability in
smaller-capacity systems (see Figure 3).
The PRS 5G blades can be designed
to preserve the possibility of adding a
central PRS switch, when needed to
extend the system capacity. This is
possible because the PRS 5G
alternately operates as a PRS C48X
switch fabric interface providing queuing
manager functionality for PRS core
switches. As a result, the same PRS 5G
blades can be used in both meshed and
centralized switch fabric topologies, thus
optimizing OEM and user investments in
PRS 5G-based blades.
A standard-based AdvancedTCATM
chassis can be used in the design of
PRS systems that can evolve from a few
tens of Gbps to 100 or 120 Gbps of
full-duplex user bandwidth.
Figure 1: 8x8 Meshed Adapters Through Passive Backplane
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
PRS 5G
1
PRS 5G
2
PRS 5G
3
PRS 5G
4
PRS 5G
5
PRS 5G
6
PRS 5G
7
PRS 5G
8
PHY
PHY
PHY
PHY
PHY
PHY
PHY
PHY
Backplane
CSIX PL3
CSIX PL3
CSIX PL3
CSIX PL3
CSIX PL3
CSIX PL3
CSIX PL3
CSIX PL3
Figure 2: 4x4 Meshed Adapters Redundancy Through
Passive Backplane
Figure 3: Meshed Adapters Through Passive Backplane
with Uplink Aggregation
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
PRS 5G
1
PRS 5G
2
PRS 5G
3
PRS 5G
4
PHY
PHY
PHY
PHY
CSIX PL3
CSIX PL3
CSIX PL3
CSIX PL3
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
4G / OC-48
Network
Processor
10G / OC-192
Network
Processor
PRS 5G
1
PRS 5G
2
PRS 5G
3
PRS 20G
PHY
PHY
PHY
PHY
CSIX PL3
CSIX PL3
CSIX PL3
CSIX PL3
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8
1 2 3 4 5 6 7 8



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com