| Zakładka z wyszukiwarką danych komponentów |
|
PPC440GX-3CF800CZ Arkusz danych(PDF) 49 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GX-3CF800CZ Arkusz danych(HTML) 49 Page - Applied Micro Circuits Corporation |
|
49 / 93 page ![]() 440GX – Power PC 440GX Embedded Processor AMCC 49 Revision 1.15 – August 30, 2007 Data Sheet Strapping Pins One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only during reset and are used for other functions during normal operation (see “Strapping” on page 89). Note that these are not multiplexed pins since the function of the pins is not programmable. |