| Zakładka z wyszukiwarką danych komponentów |
|
SC600DIMSTR Arkusz danych(PDF) 14 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC600DIMSTR Arkusz danych(HTML) 14 Page - Semtech Corporation |
|
14 / 19 page ![]() 14 © 2006 Semtech Corp. www.semtech.com POWER MANAGEMENT SC600 Typical Characteristics (Cont.) Evaluation Board Schematic Evaluation Board Bill of Materials Reference Value Comment U1 SC600 MSOP-10 or MLPD-10 lead 3x3mm C1, C2, C3, C4 1.0µF Ceramic, low ESR type C5 10µF This extra capacitor supports usage of long power leads from a benchtop supply R7, R8, R9 - Add limiting resistors to meet the requirements of the application D1, D2, D3 - Add white or blue LEDs to meet the requirements of the applicaton on SMT pads D4, D5, D6 - Add white or blue LEDs to meet the requirements of the application on PTH pads 60 65 70 75 80 85 90 95 3.0 3.2 3.4 3.6 3.8 4.0 4.2 Input Voltage [V] SC600B 4.5V@120mA SC600C 4.5V@60mA 60 65 70 75 80 85 90 95 3.0 3.2 3.4 3.6 3.8 4.0 4.2 Input Voltage [V] SC600A 5.0V@60mA SC600D 4.0V@120mA Efficiency vs. Input Voltage for B and C Version Efficiency vs. Input Voltage for A and D Version |