| Zakładka z wyszukiwarką danych komponentów |
|
SC604EVB Arkusz danych(PDF) 7 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC604EVB Arkusz danych(HTML) 7 Page - Semtech Corporation |
|
7 / 18 page ![]() 7 2005 Semtech Corp. www.semtech.com SC604A POWER MANAGEMENT Applications Information Designing for Lowest Possible Battery Current The SC604A efficiency and battery current are shown in the plots that follow on page 8. For this example, 4 LEDs are matched at 15mA each. The battery current remains low at 63mA well into the Li-Ion battery range as indicated in the plot by a boundary box. The SC604A uses 1x mode (I IN=IOUT+IQ) for part of the input voltage range, conserving significant energy from the battery. A similar four (4) output device uses only 1.5x mode (I IN= IOUT 1.5+I Q) over the input voltage range. This means that the SC604A will have about 25% higher efficiency than a 1.5x only charge pump. Where the competition drops off at 3V, the SC604A uses 2x mode to extend the operating range down to a battery voltage of only 2.85V. The input voltages at which the mode transitions occur are dependent on the forward voltage V F of the LED used and the LED current I LED. To keep the battery current low and in the 1x mode for as long as possible, it is best to choose an LED with a lower V F. The mode transition voltages V TRANS1X and VTRANS1.5X can be estimated by the following equations: V TRANS1X = VF + VILED + [(# of LEDs used) I LED 1.2] V TRANS1.5X = VF + VILED + [(# of LEDs used) I LED 16] 1.5 where, V F is the forward LED voltage measured from anode to cathode, V ILED is the voltage at the ILED pin, typically V ILED = 100mV, ILED is the LED current. Power efficiency can now be estimated for comparison with the intended battery voltage range. Efficiency [%] = Detailed Description The SC604A contains a fractional charge pump, mode selection circuit, output selection logic, current setting detection circuit, and four current sense circuits. All are depicted in the block diagram on page 6. The fractional charge pump multiplies the input voltage a multiple of 1, 1.5 or 2 times the input voltage. The charge pump switches at a fixed 250kHz whenever the mode is 1.5x or 2x. The charge pump does not switch during 1x mode, saving power and improving efficiency. The mode selection circuit automatically selects the mode as 1x, 1.5x or 2x based on circuit conditions such as LED voltage, input voltage and load current. 1x is the most efficient mode, followed by 1.5x and 2x modes. At lower voltages a stronger mode may be needed to maintain regulation, if so, the mode will change first to 1.5x and then to 2x. 2x mode usually operates for a much shorter run time compared to 1x mode, and 2x mode maintains the output until the battery is discharged to 2.85V or less. The LED requiring the highest voltage drop will determine the output voltage needed to drive all outputs with adequate bias. Comparing all cathodes and regulating VOUT for the LED with the lowest cathode voltage ensures sufficient bias for all LEDs. Output selection logic enables control over the LED outputs for on and off functions with eight (8) different output states. The states are defined in Table 1 on page 6. The current set and detection circuit uses an external resistor and a 1.22V reference to program the LED current. Four (4) current regulating circuits sink matched currents from the LEDs. LEDs with matched forward voltage will produce the best possible matched currents. For best matching performance it is recommended that the ∆Vf between LEDs be under 250mV. (For more information on ∆Vf considerations refer to Semtech application notes). VOUT IOUT 100% VIN (IOUT Mode + IQ |