Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMG40C80J Arkusz danych(PDF) 1 Page - SanRex Corporation

Numer części TMG40C80J
Szczegółowy opis  full wave AC control applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANREX [SanRex Corporation]
Strona internetowa  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TMG40C80J Arkusz danych(HTML) 1 Page - SanRex Corporation

  TMG40C80J Datasheet HTML 1Page - SanRex Corporation TMG40C80J Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex®
TRIAC
IT(RMS) =40A, VDRM=800V
SanRex Triac TMG40C80J is designed for full wave
AC control applications. It can be used as an ON/OFF
function or for phase control operation. TMG40C80J
has an isolated diffusion type die with glass-passivated
junctions. It achieves very high reliability and keeping
stable design criteria.
Features
* Glass-passivated junctions features
* High surge Current
* Low voltage drop
* Lead-free solder plated terminals
* UL registered E76102
Typical Applications
* Home Appliances
* Heater Controls
* Lighting Controls
* Temperature Controls
< Maximum Ratings>
(Tj = 25
°C unless otherwise noted)
Ratings
Symbol
Item
Conditions
Unit
VDRM
Repetitive Peak Off-state Voltage
800
V
I T(RMS)
R.M.S. On-state Current
T C = 73°C
40
A
I TSM
Surge On-state Current
One cycle, 60Hz, Peak, non-repetitive
420
A
I
2 t
I
2 t (for fusing)
Value for one cycle surge current
730
A
2 s
PGM
Peak Gate Power Dissipation
10
W
PG(AV)
Average Gate Power Dissipation
1
W
I GM
Peak Gate Current
3
A
VG M
Peak Gate Voltage
10
V
Viso
Isolation Voltage
A.C. 1 minuite
1500
V
Tj
Operation Junction Temperature
-40 to +125
°C
T s t g
Storage Temperature
-40 to +150
°C
Mass
Typical Value
5.6
g
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 Web : www.sanrex.com
TMG40C80J
Internal schematic diagram
T2
T1
Isolated TO-3PF Package


Podobny numer części - TMG40C80J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
TMG40C80J ISC-TMG40C80J Datasheet
277Kb / 3P
isc Triacs
More results

Podobny opis - TMG40C80J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
AC POWER CONTROL APPLICATIONS
logo
SanRex Corporation
TMG12C80F SANREX-TMG12C80F Datasheet
475Kb / 2P
Full Wave AC control applications It can be used as an ON/OFF function or for phase control operation.
TMG25CQ60J SANREX-TMG25CQ60J Datasheet
484Kb / 2P
Full wave AC control applications.
logo
Toshiba Semiconductor
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
AC POWER CONTROL APPLICATIONS
logo
SanRex Corporation
TMG40C60J SANREX-TMG40C60J Datasheet
73Kb / 2P
designed for full wave AC control applications
TMG40C60L SANREX-TMG40C60L Datasheet
57Kb / 2P
designed for full wave AC control applications
TMG40C80L SANREX-TMG40C80L Datasheet
57Kb / 2P
full wave AC control applications
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com