| Zakładka z wyszukiwarką danych komponentów |
|
SC338IMSTR Arkusz danych(PDF) 9 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC338IMSTR Arkusz danych(HTML) 9 Page - Semtech Corporation |
|
9 / 14 page ![]() 9 2004 Semtech Corp. www.semtech.com SC338(A) POWER MANAGEMENT allowable voltage droop. Therefore with dI = 2.5A, t = 1µs, and dV = 13.1mV: F 191 10 1 . 13 10 1 5 . 2 C 3 6 ) MIN ( BULK µ = • • • = − − So if we use 1% V OUT set resistors we would select 2 x >100µF, 12m Ω POSCAPs for output capacitance (which assumes that local ceramic bypass capacitors will absorb the balance of the (6 - 5.3)m Ω ESR requirement - otherwise 10m Ω capacitors should be used). If we use 0.1% set resistors, then the total DC error becomes ±2.85% = ±29.9mV, leaving ±2.15% = 22.6mV for the ESR spike. In this case: Ω = = m 0 . 9 A 5 . 2 mV 6 . 22 R ) MAX ( ESR and F 111 10 6 . 22 10 1 5 . 2 C 3 6 ) MIN ( BULK µ = • • • = − − So for 0.1% resistors we could use 2 x 100µF, 18m Ω POSCAPs for output capacitance, or 1 x >100µF, 10m Ω POSCAP. Obviously this is a very severe example, since the output voltage is so low and therefore the allowable window is very small. See solution 2 below for an alternate solution. For higher output voltages the components required will be less stringent. The input capacitance needs to be large enough to stop the input supply from collapsing below -5% (i.e. the design minimum) during output load steps. If the input to the pass MOSFET is not local to the supply bulk capacitance then additional bulk capacitance may be required. MOSFET selection: since the input voltage to the SC338(A) is 5V±5%, the minimum available gate drive is: V 3 . 3 ) 1025 . 1 4 . 4 ( V GS = − = So a MOSFET rated for V GS = 2.7V will be required, with an R DS(ON)(MAX) (over temp.) given by: Ω = − = − = m 36 5 . 2 ) 05 . 1 14 . 1 ( I ) V V ( R ) MAX ( OUT OUT ) MIN ( IN ) MAX ) ON ( DS Obviously, if a 12V rail is available to power the SC338(A), the number of FET options increases dramatically. Applications Infomation (Cont.) Solution 2: using passive droop. or similar 1.075V 1.2V +/-5% IN 1.05V @ 2.5A C1 0.1uF R1 11.0k C3 100uF, 25mOhm POSCAP U1 SC338(A) 1 2 3 4 5 6 7 8 9 10 DRV1 ADJ1 EN1 PGD1 GND PGD2 EN2 ADJ2 DRV2 IN R2 10.0k RDROOP 20mOhm Q1 IRF7311 4 1 2 3 5 6 7 8 Passive droop allows us to use almost the full output tolerance window for transients, hence making the output capacitor selection simpler and (hopefully) cheaper. The trade-offs are the cost of the droop resistor versus the reduction in output capacitor cost, and the reduction in headroom which impacts MOSFET selection. The top of the feedback chain connects to the “input” side of R DROOP, and the output is set for 1.075V. Thus at no load, V OUT will be 1.075V (or 1.05V + 2.4%) and at I OUT = 2.5A, VOUT will be 1.025V (or 1.05V - 2.4%). If 1% set resistors are used, the total DC error will be ±3.75% = 39mV. Thus at no load, the minimum output voltage will be given by: V 036 . 1 039 . 0 075 . 1 V ) LOAD _ NO _ MIN ( OUT = − = This leaves 38.5mV for transient response, giving: Ω = = m 4 . 15 A 5 . 2 mV 5 . 38 R ) MAX ( ESR and F 65 10 5 . 38 10 1 5 . 2 C 3 6 ) MIN ( BULK µ = • • • = − − Instead of 2 x 100µF, 12m Ω capacitors, we can use 1 x 100µF, 15m Ω capacitor. Layout Guidelines The advantages of using the SC338(A) to drive external MOSFETs are a) that the bandgap reference and control circuitry are in a die that does not contain high power dissipating devices and b) that the device itself does not |