Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC416MLTRT Arkusz danych(PDF) 13 Page - Semtech Corporation

Numer części SC416MLTRT
Szczegółowy opis  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416MLTRT Arkusz danych(HTML) 13 Page - Semtech Corporation

Back Button SC416MLTRT Datasheet HTML 9Page - Semtech Corporation SC416MLTRT Datasheet HTML 10Page - Semtech Corporation SC416MLTRT Datasheet HTML 11Page - Semtech Corporation SC416MLTRT Datasheet HTML 12Page - Semtech Corporation SC416MLTRT Datasheet HTML 13Page - Semtech Corporation SC416MLTRT Datasheet HTML 14Page - Semtech Corporation SC416MLTRT Datasheet HTML 15Page - Semtech Corporation SC416MLTRT Datasheet HTML 16Page - Semtech Corporation SC416MLTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
SC416
13
Applications Information (continued)
Q1
Q2
+
CIN
VOUT
L1
+
C3
D2
PAD
DL
VDDP
ILIM
LX
DH
BST
VIN
C2
R4
R1
D1
+5V
Figure 6
The following over-current equation can be used for both
RDSON or resistive sensing. For RDSON sensing, the
MOSFET RDSON rating is used for the value of RSENSE.
ILOC(Valley) = 10μA × RILIM / RSENSE
Power Good Output
Each output provides a power good (PGD) output, which
is an open-drain output requiring a pull-up resistor.
When the output voltage as sensed at FB is -9% from the
750mV reference (682mV), PGD is pulled low. It is held
low until the output voltage returns above -9% of nomi-
nal; the falling edge of VOUT does not latch PGD. PGD is
held low during start-up and will not be allowed to tran-
sition high until soft-start is completed, when SS reaches
750mV. There is a 5μsec delay built into the PGD circuit
to prevent false transitions.
PGD also transitions low if the FB pin exceeds +20% of
nominal (900mV), which is also the over-voltage shut-
down point.
Output Over-Voltage Protection (OVP)
When FB exceeds 20% of nominal (900mV), DL latches
high and the low-side MOSFET is turned on. DL stays high
and the output stays off until the EN/PSV input is toggled
or VDD is recycled. There is a 5μs delay built into the OVP
detector to prevent false transitions.
PGD is also held
low after an OVP.
Output Under-Voltage Protection (UVP)
When FB falls 30% below nominal (to 525mV) for eight
consecutive clock cycles, the output is shut off; the DL/
DH drives are pulled low to tri-state the MOSFETs, and
the converter stays off until its EN/PSV input is toggled
or the +5V supply at VDD1 supply is recycled. The other
output remains on during a UVP event.
POR and UVLO
Under-voltage lockout circuitry (UVLO) inhibits switch-
ing and tri-states all DH/DL drivers until the +5V supply at
VDD1 rises above 4.4V. An internal power-on reset (POR)
occurs when VDD1 exceeds 4.4V, which resets the fault
latches and quickly discharges the soft-start capacitors
to prepare the PWM for startup switching. At this time
the SC416 will exit UVLO and begin the startup cycle.
Startup Sequence
The startup sequence for each output relies on an exter-
nal ramp at the SS pin. During startup, the FB comparator
uses the SS ramp voltage as the reference until SS reach-
es 750mV, at which point the FB comparator switches
over to the internal 750mV reference. The external ramp
is typically created by connecting a capacitor to the SS
pin, which will be charged by a constant current. Or, the
SS pin can be connected to an external ramp provided
by the other output’s ramp-up as seen through a resistor
divider. See the Voltage Tracking section.
Before starting, with EN low, the SS pin is internally tied
to GND through 4kΩ. When EN is released, SS is briefly
pulled to GND through 16 ohms to discharge the SS ca-
pacitance. Then the resistances are removed, startup be-
gins, and a 5μA source current flows out of the SS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34