Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MBR2080 Arkusz danych(PDF) 3 Page - International Rectifier

Numer części MBR2080
Szczegółowy opis  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

MBR2080 Arkusz danych(HTML) 3 Page - International Rectifier

  MBR2080 Datasheet HTML 1Page - International Rectifier MBR2080 Datasheet HTML 2Page - International Rectifier MBR2080 Datasheet HTML 3Page - International Rectifier MBR2080 Datasheet HTML 4Page - International Rectifier MBR2080 Datasheet HTML 5Page - International Rectifier MBR2080 Datasheet HTML 6Page - International Rectifier MBR2080 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
3
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
0.0001
0.001
0.01
0.1
1
10
100
020
40
60
80
100
R
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V (V)
T = 150°C
J
10
100
1000
020
40
60
80
100
R
Reverse Voltage - V (V)
T = 25°C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
thJC
C
DM
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
2
t
1
t
P
DM
1
10
100
0.20.4
0.60.8
1
1.2
1.41.6
1.8
FM
T = 150°C
T = 125°C
T = 25°C
J
J
J
Forward Voltage Drop - V
(V)



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com