Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S70BVJ2S Arkusz danych(PDF) 2 Page - Ashcroft, Inc.

Numer części S70BVJ2S
Szczegółowy opis  S70 Tube Skin Thermocouples
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASHCROFT [Ashcroft, Inc.]
Strona internetowa  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S70BVJ2S Arkusz danych(HTML) 2 Page - Ashcroft, Inc.

  S70BVJ2S Datasheet HTML 1Page - Ashcroft, Inc. S70BVJ2S Datasheet HTML 2Page - Ashcroft, Inc. S70BVJ2S Datasheet HTML 3Page - Ashcroft, Inc. S70BVJ2S Datasheet HTML 4Page - Ashcroft, Inc. S70BVJ2S Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTIONAL APPROVALS
FM Explosion Proof:
Class I, Division 1, Groups A, B, C, D
T4 for –40°C ≤ Ta ≤ +80°C
T6 for –40°C ≤ Ta ≤ +60°C
FM Intrinsically safe:
Class I, Division 1, Groups A, B, C, D
T4 for –55°C ≤ Ta ≤ +80°C
T5 for –55°C ≤ Ta ≤ +55°C
T6 for –55°C ≤ Ta ≤ +40°C
FM Nonincedive:
Class I, Division 2, Groups A, B, C, D
T4 for –55°C ≤ Ta ≤ +80°C
T5 for –55°C ≤ Ta ≤ +55°C
T6 for –55°C ≤ Ta ≤ +40°C
ATEX or IECEx:
ATEX or IECEx
II 1 G Ex ia IIC T6 Ga –50°C to +60°C
II 2 G Ex ib IIC T6 Gb –50°C to +60°C
II 2 G Ex e IIC T6 Gb –55°C to +60°C
II 2 G Ex d IIC T6 Gb –55°C to +60°C
Optional S70 Heads
BUZH-AL
Type E
BUZ-AL
Type D
DIN-AL
Type B
SCCA-AL
Type N
SCCI-Stainless Steel
Type G
Ex d
Type F-AL
Type S-Stainless Steel
Washer
Weld Pad
Knife – Edge
Fan Type
Interchangeable
Sensing Elements
Data Sheet
S70 Tube Skin Thermocouples
of 5
2
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S70_Thermo_ds_RevA_03-22-22
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com