| Zakładka z wyszukiwarką danych komponentów |
|
MSC7116 Arkusz danych(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC7116 Arkusz danych(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 56 page ![]() Hardware Design Considerations MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11 Freescale Semiconductor 49 3.5 DDR Memory System Guidelines MSC7116 devices contain a memory controller that provides a glueless interface to external double data rate (DDR) SDRAM memory modules with Class 2 Series Stub Termination Logic 2.5 V (SSTL_2). There are two termination techniques, as shown in Figure 32. Technique B is the most popular termination technique. Figure 33 illustrates the power wattage for the resistors. Typical values for the resistors are as follows: • RS = 22 Ω •RT = 24 Ω Figure 32. SSTL Termination Techniques Controller Address Command Chip Selects Data Strobes Mask VREF VTT Generator DDR Bank DDR Bank VTT SSTL_2 SSTL_2 SSTL_2 RS RT RT RS Controller Address Command Chip Selects Data Strobes Mask VTT Generator DDR Bank DDR Bank SSTL_2 SSTL_2 SSTL_2 RS RT RT RS Technique A Technique B |