Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M93C76-RDS3TG/S Arkusz danych(PDF) 15 Page - STMicroelectronics

Numer części M93C76-RDS3TG/S
Szczegółowy opis  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-RDS3TG/S Arkusz danych(HTML) 15 Page - STMicroelectronics

Back Button M93C76-RDS3TG/S Datasheet HTML 11Page - STMicroelectronics M93C76-RDS3TG/S Datasheet HTML 12Page - STMicroelectronics M93C76-RDS3TG/S Datasheet HTML 13Page - STMicroelectronics M93C76-RDS3TG/S Datasheet HTML 14Page - STMicroelectronics M93C76-RDS3TG/S Datasheet HTML 15Page - STMicroelectronics M93C76-RDS3TG/S Datasheet HTML 16Page - STMicroelectronics M93C76-RDS3TG/S Datasheet HTML 17Page - STMicroelectronics M93C76-RDS3TG/S Datasheet HTML 18Page - STMicroelectronics M93C76-RDS3TG/S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Instructions
15/38
Figure 4.
READ, WRITE, WEN, WDS sequences
1.
For the meanings of An, Xn, Qn and Dn, see Table 5., Table 6. and Table 7..
5.3
Erase Byte or Word
The Erase Byte or Word (ERASE) instruction sets the bits of the addressed memory byte (or
word) to 1. Once the address has been correctly decoded, the falling edge of the Chip
Select Input (S) starts the self-timed Erase cycle. The completion of the cycle can be
detected by monitoring the READY/BUSY line, as described in the READY/BUSY status
section.
AI00878d
1 1 0 An
A0
Qn
Q0
DATA OUT
D
S
Q
Read
S
Write
ADDR
OP
CODE
1 0An
A0
DATA IN
D
Q
OP
CODE
Dn
D0
1
BUSY
READY
S
Write
Enable
1
0Xn X0
D
OP
CODE
1
01
S
Write
Disable
1
0Xn X0
D
OP
CODE
0
0
0
CHECK
STATUS
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38