| Zakładka z wyszukiwarką danych komponentów |
|
TLC3544CPWRG4 Arkusz danych(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC3544CPWRG4 Arkusz danych(HTML) 28 Page - Texas Instruments |
|
28 / 42 page ![]() TLC3544, TLC3548 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS SLAS266C – OCTOBER 2000 – REVISED MAY 2003 28 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 conversion operation (continued) CS FS SDI INT SDO *** Command = Configure Write for Mode 11, FIFO Threshold = 1/2 Full, Sweep Sequence: 0–0–2–2 ** COMMAND = Select Any Channel * COMMAND = Read FIFO * Configure Conversion From CH0 Conversion From CH2 Conversion From CH2 Conversion From CH0 1st SWEEP 1st FIFO Read REPEAT 2nd FIFO Read CH0 CH0 CH2 CH2 CH0 Read FIFO After 1st SWEEP Completed CSTART *** ** ** * *** * Possible Signal Don’t Care Figure 20. Mode 11, CSTART Triggers Samplings/Conversions conversion clock and conversion speed The conversion clock source can be the internal OSC, or the external clock SCLK. When the external clock is used, the conversion clock is equal to SCLK/4. It takes 18 conversion clocks plus 15 ns to finish the conversion. If the external clock is selected, the conversion time (not including sampling time) is 18X(4/fSCLK)+15 ns. Table 4 shows the maximum conversion rate (including sampling time) when the analog input source resistor is 1 k Ω. Table 4. Maximum Conversion Rate DEVICE SAMPLING MODE CONVERSION CLK MAX SCLK (MHz) CONVERSION TIME (us) RATE (KSPS) Short (16 SCLK) External SCLK/4 10 8.815 113.4 TLC3544/48 Long (48 SCLK) External SCLK/4 25 4.815 207.7 TLC3544/48 (Rs = 1000) Short (16 SCLK) Internal 6.5 MHz 10 4.385 228 () Long (48 SCLK) Internal 6.5 MHz 25 4.705 212.5 FIFO operation 76543210 ADC ×8 FIFO SOD Serial FIFO Full FIFO 3/4 Full FIFO 1/2 Full FIFO 1/4 Full FIFO Threshold Pointer Figure 21. FIFO Structure |