| Zakładka z wyszukiwarką danych komponentów |
|
PQ070XZ1HZ Arkusz danych(PDF) 5 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PQ070XZ1HZ Arkusz danych(HTML) 5 Page - Sharp Corporation |
|
5 / 6 page ![]() Low Power-Loss Voltage Regulators PQ070XZ1HZ Fig.13 Output Voltage Adjustment Characteristics (Typical Value) 0 1 2 3 4 5 6 7 8 9 10 100 103 104 R1=1k Ω R2 ( Ω) I Typical Application 1 3 2 5 4 VO VIN R2 CIN DC input R1 1k Ω CO + Load ON/OFF signal High:Output ON Low or open:Output OFF I Setting of Output Voltage Output voltage is able to set from 1.5V to 7V when resistors R1 and R2 are attached to ➂, ➃, ➄ terminals. As for the external resistors to set output voltage, refer to the figure below and Fig.13. 4 5 3 R2 R1 VO Vref + − VO =Vref×(1+R2/R1) [RL =1kΩ, Vref.=.1.25V] |