| Zakładka z wyszukiwarką danych komponentów |
|
STR710FZ1XX Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ1XX Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 77 page ![]() System architecture STR71xF 16/77 59 L7 VSS18 S Stabilization for main voltage regulator. 60 K7 N.C. Not connected (not bonded) 61 J7 D.0 I/O 6) 8mA External Memory Interface: data bus 62 H7 D.1 I/O 6) 8mA 63 M8 D.2 I/O 6) 8mA 64 L8 D.3 I/O 6) 8mA 65 M10 D.4 I/O 6) 8mA 66 M11 VDDA S Supply voltage for A/D Converter 67 K8 VSSA S Ground voltage for A/D Converter 68 J8 N.C. Not connected (not bonded) 69 M9 N.C. Not connected (not bonded) 70 L9 N.C. Not connected (not bonded) 71 K9 P1.0/T3.OCM PB/AIN.0 I/O pu CT 4mA X X Port 1.0 Timer 3: Output Compare B ADC: Analog input 0 72 L10 P1.1/T3.ICAP A/T3.EXTCLK/ AIN.1 I/O pu CT 4mA X X Port 1.1 Timer 3: Input Capture A or External Clock input ADC: Analog input 1 73 M12 P1.2/T3.OCM PA/AIN.2 I/O pu CT 4mA X X Port 1.2 Timer 3: Output Compare A ADC: Analog input 2 74 L11 P1.3/T3.ICAP B/AIN.3 I/O pu CT 4mA X X Port 1.3 Timer 3: Input Capture B ADC: Analog input 3 75 K11 P1.4/T1.ICAP A/T1.EXTCLK I/O pu CT 4mA X X Port 1.4 Timer 1: Input Capture A Timer 1: External Clock input 76 K10 P1.5/T1.ICAP B I/O pu CT 4mA X X Port 1.5 Timer 1: Input Capture B 77 J12 P1.6/T1.OCM PB I/O pu CT 4mA X X Port 1.6 Timer 1: Output Compare B 78 J11 D.5 I/O 6) 8mA External Memory Interface: data bus 79 L12 D.6 I/O 6) 8mA 80 K12 D.7 I/O 6) 8mA 81 J10 D.8 I/O 6) 8mA 82 J9 D.9 I/O 6) 8mA Table 3. STR710 pin description Pin n° Pin Name Input Output Main function (after reset) Alternate function |