Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELANSC310 Arkusz danych(PDF) 11 Page - Advanced Micro Devices

Numer części ELANSC310
Szczegółowy opis  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Arkusz danych(HTML) 11 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 7Page - Advanced Micro Devices ELANSC310 Datasheet HTML 8Page - Advanced Micro Devices ELANSC310 Datasheet HTML 9Page - Advanced Micro Devices ELANSC310 Datasheet HTML 10Page - Advanced Micro Devices ELANSC310 Datasheet HTML 11Page - Advanced Micro Devices ELANSC310 Datasheet HTML 12Page - Advanced Micro Devices ELANSC310 Datasheet HTML 13Page - Advanced Micro Devices ELANSC310 Datasheet HTML 14Page - Advanced Micro Devices ELANSC310 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
11
PREL IMINARY
13
MA8/SA22
RAS1
3
RAS0
2
GND
1
31
D9
4
CAS1L[SRCS2]
5
CAS1H[SRCS3]
6
CAS0L[SRCS0]
7
CAS0H[SRCS1]
8
MWE
9
VMEM
10
MA10/SA13
11
MA9/SA23
12
GND
14
MA7/SA21
15
MA6/SA20
16
MA5/SA19
17
MA4/SA18
18
MA3/SA17
19
MA2/SA16
20
GND
21
MA1/SA15
22
VMEM
23
VCC
24
MA0/SA14
25
D15
26
D14
27
D13
28
D12
29
D11
30
D10
32
D8
33
GND
34
D7
35
VMEM
36
D6
37
D5
38
D4
39
D3
40
D2
41
D1
42
D0
43
DOSCS
44
ROMCS
45
SYSCLK[XTCLK]
46
DACK2 [TCK]
47
AEN [TDI]
48
VSYS
49
TC [TMS]
50
ENDIRL
51
ENDIRH
52
GND
156
GND
155
A17(LA17)
154
A18(LA18)
153
A19(LA19)
152
A20(LA20)
151
A21(LA21)
150
A22(LA22)
149
A23(LA23)
148
LDEV(RSVD)
147
CPURDY(LMEG)
146
DACK1
145
A12(BALE)
144
DACK5
143
SBHE
142
VSYS2
141
RESIN
140
IORESET
139
SPKR
138
PMC1
137
PMC0
136
RSVD
135
VCC
134
133
132
131
130
129
128
VCC5
127
126
125
124
123
122
121
GND
120
119
118
117
116
115
114
113
112
111
110
109
BL4
108
BL3
107
BL2
106
BL1
105
GND
CONNECTION DIAGRAM
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
PULLUP
PULLUP
PULLUP
PULLUP
PULLUP
PULLUP
PULLUP
PULLUP
PULLUP
PULLUP
PULLUP
Notes:
Pin 1 is marked for designation purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More