| Zakładka z wyszukiwarką danych komponentów |
|
M25P40-VMP6TG/X Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P40-VMP6TG/X Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 53 page ![]() Memory organization M25P40 16/53 5 Memory organization The memory is organized as: ● 524,288 bytes (8 bits each) ● 8 sectors (512 Kbits, 65536 bytes each) ● 2048 pages (256 bytes each). Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector or Bulk Erasable (bits are erased from 0 to 1) but not Page Erasable. Table 3. Memory organization Sector Address range 7 70000h 7FFFFh 6 60000h 6FFFFh 5 50000h 5FFFFh 4 40000h 4FFFFh 3 30000h 3FFFFh 2 20000h 2FFFFh 1 10000h 1FFFFh 0 00000h 0FFFFh |