| Zakładka z wyszukiwarką danych komponentów |
|
HE847701 Arkusz danych(PDF) 17 Page - King blillion Electronics Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
HE847701 Arkusz danych(HTML) 17 Page - King blillion Electronics Co.,Ltd. |
|
17 / 29 page ![]() King Billion Electronics Co., Ltd 駿 億 電 子 股 份 有 限 公 司 HE847701 HE80000 SERIES March 26, 2004 Page 17 of 29 V1.03 This specification is subject to change without notice. Please contact sales person for the latest version before use. As pads of PRT14, PRT15 and PRT17 are shared with LCD segment driver, the function of the pads is determined by mask options. PRT170 SEG0 PRT170 PRT171 SEG1 PRT171 PRT172 SEG2 PRT172 PRT173 SEG3 PRT173 PRT174 SEG4 PRT174 PRT175 SEG5 PRT175 PRT176 SEG6 PRT176 PRT177 SEG7 PRT177 PRT150 SEG8 PRT150 PRT151 SEG9 PRT151 PRT152 SEG10 PRT152 PRT153 SEG11 PRT153 PRT154 SEG12 PRT154 PRT155 SEG13 PRT155 PRT156 SEG14 PRT156 PRT157 SEG15 PRT157 PRT140 SEG16 PRT140 PRT141 SEG17 PRT141 PRT142 SEG18 PRT142 PRT143 SEG19 PRT143 PRT144 SEG20 PRT144 PRT145 SEG21 PRT145 PRT146 SEG22 PRT146 PRT147 SEG23 PRT147 LIO17=1 LIO17=0 LIO15=0 LIO15=1 LIO14=0 LIO14=1 Following table is the setting for MO_LIO?[...] and MO_?PP[...] and others related to LCD display setting and pin assignment features. MO_LIO?[…] MO_?PP[...] I/O Port LCD Pin 0 0 Open-drain output -- 0 1 Push-pull output -- 1 0 -- xx 1 1 -- LCD Display --: Function not available. xx: Displayable, but may have abnormal leakage current, do not use. 10. Key Scan Circuit The built-in 4x20 hardware keyboard scan circuit helps to reduce the pin counts where application requires large key matrix and high LCD pixel count as well as the firmware effort. As key-scan pins are shared with LCD segment and PRTC4 ~ PRTC7 pins, it is advisable to put resistors between segment pins and key matrix to avoid shorting the segment pins when two or more keys in the same row are pressed simultaneously. Two key can be detected simultaneously and the first detected key code is stored in KEY0 register and the second in KEY1 register respectively. The key code for each key location is listed in the following table. Key Loc SCNI0 SCNI1 SCNI2 SCNI3 SCNO0 0x80 0xA0 0xC0 0xE0 SCNO1 0x81 0xA1 0xC1 0xE1 |