Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PRME Arkusz danych(PDF) 3 Page - CP Clare Corporation

Numer części PRME
Szczegółowy opis  DIP 14 SERIES REED RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPCLARE [CP Clare Corporation]
Strona internetowa  
Logo CPCLARE - CP Clare Corporation

PRME Arkusz danych(HTML) 3 Page - CP Clare Corporation

  PRME Datasheet HTML 1Page - CP Clare Corporation PRME Datasheet HTML 2Page - CP Clare Corporation PRME Datasheet HTML 3Page - CP Clare Corporation PRME Datasheet HTML 4Page - CP Clare Corporation PRME Datasheet HTML 5Page - CP Clare Corporation PRME Datasheet HTML 6Page - CP Clare Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
416
DIP 14 SERIES REED RELAYS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
1-800-CP CLARE
COIL SPECIFICATIONS
Contact Form
Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
Nominal Input Power
Units
Volts
Ω
Volts
Volts
mW
Conditions
+/- 10% (25
°C)
Must operate by (25
°C) Must release by (25°C)
Part #
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
MSS2 1A05
1 Form A
5
11
126
140
154
0.5
3.75
0.5
3.75
179
MSS2 1A12
1 Form A
12
21
450
500
550
1
9
1
9
288
MSS2 1A24
1 Form A
24
44
1935 2150 2365
2
18
2
18
268
MSS7 1A05
1 Form A
5
11
126
140
154
0.5
3.75
0.5
3.75
179
MSS7 1A12
1 Form A
12
21
450
500
550
1
9
1
9
288
MSS7 1A24
1 Form A
24
43
1935 2150 2365
2
18
2
18
268
PRMA 1A05
1 Form A
5
21
450
500
550
0.8
3.75
0.8
3.75
50
PRMA 1A12
1 Form A
12
30
900
1000 1100
1
9
1
9
144
PRMA 1A24
1 Form A
24
44
1935 2150 2365
2
18
2
18
268
PRMA 1B05
1 Form B
5
6
450
500
550
0.8
3.75
0.8
3.75
50
PRMA 1B12
1 Form B
12
14.5
900
1000 1100
1
9
1
9
144
PRMA 1B24
1 Form B
24
29
1935 2150 2365
2
18
2
18
268
PRMA 1C05
1 Form C
5
12
180
200
220
0.8
3.75
0.8
3.75
125
PRMA 1C12
1 Form C
12
18
450
500
550
1
9
1
9
288
PRMA 1C24
1 Form C
24
32
1935 2150 2365
2
18
2
18
268
PRMA 2A05
2 Form A
5
11
126
140
154
0.8
3.75
0.8
3.75
179
PRMA 2A12
2 Form A
12
21
450
500
550
1
9
1
9
288
PRMA 2A24
2 Form A
24
44
1935 2150 2365
2
18
2
18
268
PRMA 10037
1 Form A
5
15
342
380
418
0.8
3.75
0.8
3.75
66
PRMA 10038
1 Form A
12
19
477
530
583
1
9
1
9
272
PRMA 10039
1 Form A
24
32
1800 2000 2200
2
18
2
18
288
DSS7 1A05
1 Form A
5
21
450
500
550
0.8
3.75
0.8
3.75
50
DSS7 1A12
1 Form A
12
30
900
1000 1100
1
9
1
9
144
DSS7 1A24
1 Form A
24
44
1935 2150 2365
2
18
2
18
268
PRME 25005
1 Form A
5
19
450
500
550
0.8
3.8
0.8
3.8
50
PRME 15005
1 Form A
5
15
342
380
418
1
3.5
1
3.5
66
PRME 15002
1 Form A
12
19
477
530
583
1
8
1
8
272
PRME 15003
1 Form A
24
32
1800 2000 2200
2
16
2
16
288
MVS2 1A05(A,B)
1 Form A
5
7
94.5
105
116
0.5
3.75
0.5
3.75
238
MVS2 1A12(A,B)
1 Form A
12
15
450
500
550
1
9
1
9
288
MVS2 1A24(A,B)
1 Form A
24
30
1935 2150 2365
2
18
2
18
268
MVS7 1A05(S)
1 Form A
5
7
94.5
105
116
0.5
3.75
0.5
3.75
238
MVS7 1A12(S)
1 Form A
12
15
450
500
550
1
9
1
9
288
MVS7 1A24(S)
1 Form A
24
30
1935 2150 2365
2
18
2
18
268



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com