Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3PE2 Arkusz danych(PDF) 1 Page - DFI Inc

Numer części 3PE2
Szczegółowy opis  Riser Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DFI [DFI Inc]
Strona internetowa  https://www.dfi.com/
Logo DFI - DFI Inc

3PE2 Arkusz danych(HTML) 1 Page - DFI Inc

  3PE2 Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.dfi.com
X100-3PE2
Mechanical Drawing
Features
Specifications
Riser Card
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 12, 2014 DFI Inc.
X100-3PE2
0.00
6.00
10.11
30.44
34.20
39.20
52.70
EXPANSION SLOTS
• One Mini PCIe slot
- Supports full size and/or half size Mini PCIe card
• One PCIe x1 slot
- PCIe 1.0
• One PCI slot
- PCI 2.3, 32-bit, 33MHz
INTERFACE
• 1 PCIe x1
APPLIED MODELS
• SB102-D
DIMENSIONS
• 170mm x 52.7mm (6.7" x 2.07")
EXPANSION SLOTS 1 Mini PCIe, 1 PCIe x1, 1 PCI
INTERFACE
1 PCIe x1
DIMENSIONS
170mm x 52.7mm (6.7" x 2.07")
PCIe x1
PCI
Mini PCIe
PCIe x1


Podobny numer części - 3PE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rhombus Industries Inc.
3PECLH-0.5 RHOMBUS-IND-3PECLH-0.5 Datasheet
21Kb / 1P
ECL Logic 3-Bit Programmable Delay Modules
3PECLH-0.5 RHOMBUS-IND-3PECLH-0.5 Datasheet
29Kb / 1P
3-Bit Programmable Delay Modules
3PECLH-1 RHOMBUS-IND-3PECLH-1 Datasheet
21Kb / 1P
ECL Logic 3-Bit Programmable Delay Modules
3PECLH-1 RHOMBUS-IND-3PECLH-1 Datasheet
29Kb / 1P
3-Bit Programmable Delay Modules
3PECLH-1.2 RHOMBUS-IND-3PECLH-1.2 Datasheet
21Kb / 1P
ECL Logic 3-Bit Programmable Delay Modules
More results

Podobny opis - 3PE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
PCM-410A ADVANTECH-PCM-410A Datasheet
112Kb / 1P
Riser Card & I/O Modules
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R4104-01A1E ADVANTECH-AIMB-R4104-01A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R4301-03A1E ADVANTECH-AIMB-R4301-03A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3P8-12A1E ADVANTECH-AIMB-RP3P8-12A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3PF-21A1E ADVANTECH-AIMB-RP3PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
logo
AAEON Technology
PER-1100 AAEON-PER-1100 Datasheet
263Kb / 1P
Riser card for EMB-830
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com