| Zakładka z wyszukiwarką danych komponentów |
|
CPC1302 Arkusz danych(PDF) 4 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC1302 Arkusz danych(HTML) 4 Page - Clare, Inc. |
|
4 / 5 page ![]() www.clare.com 4 CPC1302 R01 MECHANICAL DIMENSIONS PC Board Pattern (Top View) 8-0.800 DIA. (8-0.031 DIA.) 2.540 ± 0.127 (0.100 ± 0.005) 7.620 ± 0.127 (0.300 ± 0.005) 7.620 ± 0.127 (0.300 ± 0.005) 6.350 ± 0.127 (0.250 ± 0.005) PC Board Pattern (Top View) 2.540 ± 0.127 (0.100 ± 0.005) 8.305 ± 0.127 (0.327 ± 0.005) 1.905 ± 0.127 (0.075 ± 0.005) 1.498 ± 0.127 (0.059 ± 0.005) 7.239 TYP. (0.285) 3.302 (0.130) 9.144 TYP. (0.360) 8-Pin DIP Through Hole (Standard) 7.620 ± 0.254 (0.300 ± 0.010) 2.540 ± 0.127 (0.100 ± 0.005) 6.350 ± 0.127 (0.250 ± 0.005) 8.077 ± 0.127 (0.318 ± 0.005) 9.144 ± 0.508 (0.360 ± 0.020) 0.457 ± 0.076 (0.018 ± 0.003) 9.652 ± 0.381 (0.380 ± 0.015) 3.302 (0.130) 0.254 TYP. (0.010) 0.635 TYP. (0.025) 8-Pin Surface Mount (“S” Suffix) 4.445 ± 0.127 (0.175 ± 0.005) 7.620 ± 0.254 (0.300 ± 0.010) 2.540 ± 0.127 (0.100 ± 0.005) 9.652 ± 0.381 (0.380 ± 0.015) 6.350 ± 0.127 (0.250 ± 0.005) 9.525 ± 0.254 (0.375 ± 0.010) 0.457 ± 0.076 (0.018 ± 0.003) 8.077 ± 0.127 (0.318 ± 0.005) Manufacturing Information Soldering For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents. Dimensions: mm (inches) |