Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LEDPRO10B Arkusz danych(PDF) 2 Page - Timeguard

Numer części LEDPRO10B
Szczegółowy opis  10W LED Professional Rewireable Floodlight - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TIMEGUARD [Timeguard]
Strona internetowa  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPRO10B Arkusz danych(HTML) 2 Page - Timeguard

  LEDPRO10B Datasheet HTML 1Page - Timeguard LEDPRO10B Datasheet HTML 2Page - Timeguard LEDPRO10B Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Multiple Unit Support
Cable Capacity (mm2)
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
Accessories (Optional)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
360° (Tilt)
Class F
10kWh/1000H
1160
116 lm/W
4000
SMD (Integrated)
98
Yes
1.5mm² (Twin & Earth Cable)
Back Entry
General
353
110
150
60
Polycarbonate (Body) Aluminium (Bracket)
Black
Fittings (Rawl Plugs, Grommits, Screws)
LEDPROCAM, LEDPROPCB, LEDPROPCWH,
LEDPROSLB, LEDPROSLWH, LEDPRORFKB,
LEDPRORFKWH, LEDPROFOB
5012483013731
3 Years
9405114090
Data sheet
LEDPRO10B
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3